Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118002030 Datasheet(PDF) 1 Page - Meder Electronic

Part # 2118002030
Description  Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

2118002030 Datasheet(HTML) 1 Page - Meder Electronic

  2118002030 Datasheet HTML 1Page - Meder Electronic 2118002030 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2118002030
Item No.:
Item:
Europe: +49 / 7733 9487 0 | Email: info@meder.com
USA: +1 / 508 539 0002 | Email: salesusa@meder.com
Asia:
+852 / 2955 1682 | Email: salesasia@meder.com
KSK-1A80-2030
Magnetical properties
Conditions
Min
Typ
Max
Unit
measured in coil- "define operation"
Pull-In excitation (Reference value)
KMS-01
Reed switch unmodified
Test-Coil
Contact data 80
Conditions
Min
Typ
Max
Unit
80
Contact-No.
A
Contact-form
Rhodium
Contact-material
not to exceed their individual max.'s
Contact-rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!
"#$%&##&
Start Value
Contact resistance static
!
"'&(
#'
Start Value
Contact resistance dynamic
)!
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage
*
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
+,
@ 10 kHz
Capacity
Contact dimensions
C
Conditions
Min
Typ
Max
Unit
*
Tolerance according to drawing
Overall length
Tolerance according to drawing
Glass body length
Environmental data
Conditions
Min
Typ
Max
Unit
-
1/2 sine wave duration 11ms
Shock
-
from 10 - 2000 Hz
Vibration
.
/
Ambient temperature
.
/
Storage temperature
.
*
max. 5 sec
Soldering temperature
Modifications in the sense of technical progress are reserved
16.01.07
AKELLER
RKAMP
01
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
16.01.07
RKAMP
Approval by:
Approval by:
16.01.07
Approval at:
Approval at:


Similar Part No. - 2118002030

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
2118001015 MEDER-2118001015 Datasheet
61Kb / 2P
Reed Switch
2118001520 MEDER-2118001520 Datasheet
61Kb / 2P
Reed Switch
More results

Similar Description - 2118002030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
REED SWITCH
logo
Meder Electronic
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com