Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118701520 Datasheet(PDF) 1 Page - Meder Electronic

Part # 2118701520
Description  Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

2118701520 Datasheet(HTML) 1 Page - Meder Electronic

  2118701520 Datasheet HTML 1Page - Meder Electronic 2118701520 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"#
$%%
&
!
"
'()"#
"*+#"&"+
,*"-".'#"/0
12 *
3"45
36&"
!
"
7"*!
7"*#
')
,"4)8"&&9
7"*
"9:7;""#<=
"-)"/->
7""4
:7,87
()"4/4
:7,87
()"4"
:7,87
79"
2()$5//
<
7""
2-/?#-"
<
7""9"
:##"/?#-"
7""9"
'@A$5?<*&"
"""
"4!*
B8("/4
()$5//
C&";"
()"-"
'
8@D&"()
7&"
#
!
"
9
')'@
"#9
$%
!
"
"?"?"%-
)8
#*@D
<;"
C&"4&
4&
(/"4-
"4&
2#"")"#)"&4/
%
7@EE@C'!
F1C<7
&'
:4";9
E7)"4
:4"
E7)"4;9
'12,
&&/;9
&&/;9
&&/
&&/


Similar Part No. - 2118701520

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
2118701015 MEDER-2118701015 Datasheet
151Kb / 2P
Reed Switch
More results

Similar Description - 2118701520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
REED SWITCH
logo
Meder Electronic
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com