Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC3105 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STC3105
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STC3105 Datasheet HTML 4Page - STMicroelectronics STC3105 Datasheet HTML 5Page - STMicroelectronics STC3105 Datasheet HTML 6Page - STMicroelectronics STC3105 Datasheet HTML 7Page - STMicroelectronics STC3105 Datasheet HTML 8Page - STMicroelectronics STC3105 Datasheet HTML 9Page - STMicroelectronics STC3105 Datasheet HTML 10Page - STMicroelectronics STC3105 Datasheet HTML 11Page - STMicroelectronics STC3105 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STC3105
8/23
Doc ID 022198 Rev 1
Figure 2.
I2C timing diagram
Table 5.
I2C timing - VIO=2.8 V, Tamb = -20 °C to 70 ° C (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fscl
SCL clock frequency
-
0
-
400
kHz
thd,sta
Hold time (repeated) START condition
0.6
µs
tlow
LOW period of the SCL clock
1.3
µs
thigh
HIGH period of the SCL clock
0.6
µs
tsu,dat
Setup time for repeated START condition
0.6
µs
thd,dat
Data hold time
0
0.9
µs
tsu,dat
Data setup time
100
ns
tr
Rise time of both SDA and SCL signals
20+
0.1Cb
300
ns
tf
Fall time of both SDA and SCL signals
20+
0.1Cb
300
ns
tsu,sto
Setup time for STOP condition
0.6
µs
tbuf
Bus free time between a STOP and
START condition
1.3
µs
Cb
Capacitive load for each bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com