Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1108 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1108
Description  4-Digi t LED Display Dr iver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1108 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AS1108 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1108 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
2 - 20
AS1108
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
DOUT
Serial-Data Output. The data into pin DIN is valid at pin DOUT 16.5 clock
cycles later. This pin is used to daisy-chain several AS1108 devices and is
never high-impedance.
2
DIN
Serial-Data Input. Data is loaded into the internal 16-bit shift register on the
rising edge of pin CLK.
3, 5, 6, 8
DIG 0:DIG 3
Digit Drive Lines. 4 four-digit drive lines that sink current from the display
common cathode. The AS1108 pulls the digit outputs to VDD when turned off.
4, 7
GND
Ground. Both GND pins must be connected.
9
LOAD/CSN
Load-Data Input. The last 16 bits of serial data are latched on the rising edge
of this pin.
Chip-Select Input (AS1108 SPI-enabled only). Serial data is loaded into the
shift register while this pin is low. The last 16 bits of serial data are latched on
the rising edge of this pin.
10
CLK
Serial-Clock Input. 10MHz maximum rate. Data is shifted into the internal
shift register on the rising edge of this pin. Data is clocked out of DOUT on the
falling edge of this pin. On the AS1108 SPI-enabled, the CLK input is active
only while pin LOAD/CSN is low.
11, 12, 13, 14,
17, 18, 19, 20
SEG A:SEG G,
SEG DP
Seven Segment and Decimal Point Drive Lines. 8 seven-segment drives
and decimal point drive that source current to the display. When a segment
driver is turned off it is pulled to GND.
15
ISET
Set Segment Current. Connect to VDD through RSET to set the peak segment
current (see Selecting RSET Resistor Value and Using External Drivers on
page 14).
16
VDD
Positive Supply Voltage. Connect to +2.7 to +5.5V supply.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
DOUT
DIN
DIG 0
GND
DIG 2
DIG 3
GND
DIG 1
LOAD/CSN
CLK
AS1108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com