Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3635 Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3635 Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3635 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3635 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
8 - 20
AS3635
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS3635 is a photoflash capacitor charger and an integrated IGBT driver for a Xenon flash. The capacitor charger
charges VFLASH to the final charging voltage (e.g. 320V) and the IGBT driver starts the actual Xenon flash.
Additionally a charge pump is included to generate a stable 5V supply for accurate control of the IGBT on/off timings
independent of the battery supply.
The final charged voltage (VFLASH) can be in-field trimmed to e.g. 320V with the integrated OTP (one time programma-
ble) memory (see section Trimming Procedure on page 12). VFLASH can be exactly trimmed to the maximum allowed
output voltage resulting in an improved use of the available energy in the photoflash capacitor.
Note:
The AS3635 uses a WL-CSP (wafer level chip scale package) to optimize the PCB area required and minimize
the module size. Therefore the actual DIE is visible (and it is not molded in plastic as for other packages like
QFN or DFN) and the AS3635 is sensitive to external light. It has to be protected from direct light from the
Xenon tube.
Internal Circuit
Figure 15. Internal circuit
AS3635 Operation
The AS3635 allows charging and refresh cycles under complete software control. Two typical configurations are
shown in Figure 16 and Figure 17:
Figure 16 shows a configuration without any refresh between the pre-flash and the actual flash. Typically this is used
for applications where no noise at all should be generated on the battery when the camera is performing e.g. white
color balancing (between pre-flash and flash cycle).






 
! "#$



%

&'



& (
" #  & (

)*!+
+"'
+"',,
-
!!"

)
.
#/
-
 '
0 #
12  +"3
4
5
 

 
','#5
4 5
&%
  ++ 
# 
&
#+6 
AS3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com