Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP606 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP606
Description  6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP606 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP606 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP606 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP606 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP606 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge
Suppressor
MODEL NUMBER: TLP606
Description
Tripp Lite's TLP606 offers economical AC surge suppression for protection of workstations, desktop PCs, telecom systems and other sensitive electronics.
Built-in AC surge suppression shields connected equipment from damage and performance problems due to transient surges. TLP606 offers 6 total outlets, 6
foot cord and diagnostic LED to warn of suppressor damage. AC suppression rated at 790 joules shields equipment from surges and line noise. Attractive
white suppressor housing with keyhole mounting tabs offer convenient protection of desktop computer equipment and accessories. $20,000 Ultimate Lifetime
Insurance (USA & Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 6 NEMA5-15R/6-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer spaced outlet
SUPPRESSION: AC: 150V RMS Clamping/790 joules/400V UL1449 3rd Edition
Features
6 outlets
6-ft. cord
Surge suppression rating: 790 joules
EMI/RFI noise filtering
15 amp resettable circuit breaker
Green protection LED
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Can accommodate 1 large transformer plug without covering remaining outlets, 3 total transformers
Keyhole support for wall mounting
Lighted power switch
$20,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
Highlights
6 outlet / 6-ft. cord
790 joule rating
$20,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC line protection
Package Includes
TLP606 surge suppressor
Instruction manual with warranty
information
1 / 3


Similar Part No. - TLP606

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP606B TRIPPLITE-TLP606B Datasheet
166Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 790 Joules, Diagnostic LED, Black Housing
logo
List of Unclassifed Man...
TLP606DMUSB ETC2-TLP606DMUSB Datasheet
539Kb / 4P
6-outlet, 6-ft cord, 2100 joules, 2 port USB chargers 2.1 amp total, desk clamp mount strip - Protect It
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
TLP606USB ETC2-TLP606USB Datasheet
523Kb / 4P
6-outlet, 6-ft cord, 990 joules, 2 port USB chargers 2.1 amp total, strip - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP606USBB TRIPPLITE-TLP606USBB Datasheet
171Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 990 Joules, 2 USB Ports (2.1A), Black Housing
More results

Similar Description - TLP606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com