Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP606USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP606USB
Description  6-outlet, 6-ft cord, 990 joules, 2 port USB chargers 2.1 amp total, strip - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP606USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP606USB Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP606USB Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP606USB Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP606USB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-outlet, 6-ft cord, 990 joules, 2 port USB chargers
2.1 amp total, strip - Protect It! Surge Suppressor
MODEL NUMBER: TLP606USB
Description
Tripp Lite's TLP606USB offers economical AC surge suppression for protection of workstations, desktop PCs,
telecom systems and other sensitive electronics. Built-in AC surge suppression shields connected equipment
from damage and performance problems due to transient surges. USB charging ports offer fast charging for smartphones, tablets, MP3 players and other
portable devices. TLP606USB offers 6 total outlets, 6 foot cord, 2 USB charging ports and diagnostic LED to warn of suppressor damage. AC suppression
rated at 990 joules shields equipment from surges and line noise. Attractive cool grey suppressor housing with keyhole mounting tabs offer convenient
protection of desktop computer equipment and accessories. $20,000 Ultimate Lifetime Insurance (USA & Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 6 NEMA5-15R/6-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer spaced outlet
SUPPRESSION: AC: 150V RMS Clamping/990 joules/400V UL1449 3rd Edition
Features
6 outlets
6-ft. cord
2 USB charging ports - 2.1 amp total
Surge suppression rating: 990 joules
EMI/RFI noise filtering
15 amp resettable circuit breaker
Green protection LED
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Can accommodate 1 large transformer plug without covering remaining outlets, 3 total transformers
Keyhole support for wall mounting
Lighted power switch
$20,000 Ultimate Lifetime Insurance (USA and Canada Only)
Highlights
6 outlet / 6-ft. cord
990 joule rating
2.1 amp dual port USB charger
$20,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC line protection.
USB charging ports offer fast
charging for smartphones,
tablets, MP3 players and other
portable devies
Package Includes
TLP606USB surge suppressor
Instruction manual with warranty
information
1 / 3


Similar Part No. - TLP606USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP606USBB TRIPPLITE-TLP606USBB Datasheet
171Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 990 Joules, 2 USB Ports (2.1A), Black Housing
More results

Similar Description - TLP606USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
SK120USB ETC2-SK120USB Datasheet
529Kb / 4P
3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP606DMUSB ETC2-TLP606DMUSB Datasheet
539Kb / 4P
6-outlet, 6-ft cord, 2100 joules, 2 port USB chargers 2.1 amp total, desk clamp mount strip - Protect It
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
TLP606USBB TRIPPLITE-TLP606USBB Datasheet
171Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 990 Joules, 2 USB Ports (2.1A), Black Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com