Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD7261 Datasheet(PDF) 2 Page - NEC

Part # LD7261
Description  20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7261 Datasheet(HTML) 2 Page - NEC

  LD7261 Datasheet HTML 1Page - NEC LD7261 Datasheet HTML 2Page - NEC LD7261 Datasheet HTML 3Page - NEC LD7261 Datasheet HTML 4Page - NEC LD7261 Datasheet HTML 5Page - NEC LD7261 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LD7261
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… 18.0 to 21.7 GHz
Output Power ………………………………………… 250 W
Heater Voltage ………………………………………… 6.3 V
Heater Current ………………………………………… 1.42 A
Type of Cathode ……………………………………… Indirectly heated, Impregnated
Cathode Warm-up Time
…………………………… 300 s
MECHANICAL
Dimensions …………………………………………… See Outline
Weight ………………………………………………… 6.0 kg approx.
Focusing
……………………………………………… Periodic Permanent Magnet
Mounting Position …………………………………… Any
Electrical Connections ……………………………… Flying Leads
RF Connections
Input ………………………………………………… SMA Female
Output ……………………………………………… Mates with WR-51 waveguide (see outline)
Cooling ………………………………………………… Forced Air
ABSOLUTE RATINGS (Note 1, 2 and 3 )
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………
6.0
6.6
V
Heater Surge Current
……………………………
2.5
A
Heater Current ………………………………………
1.8
A
Heater Warm-up Time ……………………………
300
s
Helix Voltage
………………………………………
9.5
10.8
kV
Helix Current
………………………………………
15.0
mA
Anode Voltage ………………………………………
8.0
10.25
kV
Anode Current ………………………………………
0.5
mA
Collector Voltage ……………………………………
4.0
5.8
kV
Collector Current ……………………………………
350
mA
Cathode Current ……………………………………
350
mA
RF Drive Power ……………………………………
25
mW
RF Output Power
…………………………………
400
W
Load VSWR …………………………………………
1.2 : 1
ENVIRONMENTAL
Min.
Max.
Unit
Temperature at output Flange ……………………
–40
+110
˚C
Air Flow ………………………………………………
195
kg/hour
Ambient Temperature
Storage ……………………………………………
–40
+80
˚C
Operation …………………………………………
–10
+50
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com