Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC4196 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4196 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC4196 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4196
7
Y Parameters (Emitter Common)
Test Condition V
CE = 5 V, IC = 5 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
3.035
5.491
152.256
–40.168
–0.005
–0.334
0.048
0.613
200
6.463
10.003
131.145
–71.318
–0.015
–0.679
0.100
1.238
300
10.768
12.356
103.025
–90.187
–0.036
–1.034
0.191
1.804
400
15.089
13.186
77.334
–98.666
–0.065
–1.397
0.232
2.386
500
18.776
12.837
55.039
–99.977
–0.090
–1.767
0.270
2.947
600
22.098
11.913
37.290
–98.247
–0.128
–2.134
0.347
3.555
700
24.568
10.731
22.802
–93.799
–0.163
–2.515
0.417
4.133
800
26.291
9.416
11.686
–88.266
–0.193
–2.890
0.516
4.703
900
28.112
7.683
2.225
–82.972
–0.260
–3.305
0.614
5.354
1000
29.685
6.751
–3.931
–78.720
–0.291
–3.746
0.629
5.908
Test Condition V
CE = 5 V, IC = 10 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
5.903
7.347
243.307
–103.091
–0.008
–0.338
0.026
0.591
200
11.583
10.820
168.225
–150.806
–0.022
–0.682
0.128
1.254
300
16.546
10.993
103.210
–155.623
–0.045
–1.041
0.216
1.797
400
20.055
10.038
61.965
–145.393
–0.074
–1.387
0.320
2.394
500
22.491
8.943
35.421
–131.365
–0.093
–1.766
0.316
2.917
600
24.417
7.556
16.762
–118.513
–0.133
–2.138
0.378
3.544
700
26.086
6.620
5.096
–107.291
–0.155
–2.531
0.424
4.086
800
27.193
5.569
–3.874
–97.359
–0.185
–2.923
0.469
4.659
900
28.543
4.340
–11.095
–88.952
–0.248
–3.349
0.563
5.307
1000
28.955
3.253
–15.953
–81.466
–0.270
–3.737
0.650
5.861



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com