Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STCF04TBR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 29Page - STMicroelectronics STCF04TBR Datasheet HTML 30Page - STMicroelectronics STCF04TBR Datasheet HTML 31Page - STMicroelectronics STCF04TBR Datasheet HTML 32Page - STMicroelectronics STCF04TBR Datasheet HTML 33Page - STMicroelectronics STCF04TBR Datasheet HTML 34Page - STMicroelectronics STCF04TBR Datasheet HTML 35Page - STMicroelectronics STCF04TBR Datasheet HTML 36Page - STMicroelectronics STCF04TBR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
STCF04
Typical performance characteristics
Doc ID 022927 Rev 3
33/43
11
Typical performance characteristics
Figure 15.
Flash current vs. input voltage
Figure 16.
Torch current vs. input voltage
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
5,5
6
6,5
7
7,5
8
2,25
2,5
2,75
33,25
3,5
3,75
4
4,25
4,5
4,75
VIN [V]
IOUT = 1.2 A
IOUT = 4.8 A
IOUT = 8 A
AM09307v1
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
2,25
2,5
2,75
33,25
3,5
3,75
4
4,25
4,5
4,75
VIN [V]
IOUT = 320 mA
IOUT = 160 mA
IOUT = 40 mA
AM09308v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com