Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S10A340FR Datasheet(PDF) 2 Page - Sensitron

Part # S10A340FR
Description  THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

S10A340FR Datasheet(HTML) 2 Page - Sensitron

  S10A340FR Datasheet HTML 1Page - Sensitron S10A340FR Datasheet HTML 2Page - Sensitron S10A340FR Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON________ _
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5417, REV. A
©2014 Sensitron Semiconductor
 221 West Industry Court  Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
 www.sensitron.com  sales@sensitron.com
S424xx
S10A305FR, S10A305HE, S10A310FR, S10A310HE,
S10A315HE, S10A320, S10A320FR, S10A320S7, S10A340,
S10A340FR, S10A340S7, S10A360, S10A360FR, S10A360S7,
S10A380, S10A3100, S10A3100FR
TYPE
NUMBER
PEAK
INVERSE
VOLTAGE
(PER LEG)
MAX.
AVERAGE DC
OUTPUT
CURRENT
PEAK
1 CYCLE
SURGE
CURRENT
tp = 8.3 msec
(PER LEG)
MAX.
FORWARD
VOLTAGE
DROP
(PER LEG)
MAX.
REVERSE
CURRENT
Ir @ PIV
(PER LEG)
(µA)
MAX.
THERMAL
RESISTANCE
RJC
(PER LEG)
MAX.
REVERSE
REC. TIME
(PERLEG)
IF = 0.5A,
IR = 1.0A,
TRR = 0.25A
Volts
55ºC
100ºC
Amps
Volts
Amps
25ºC
100ºC
ºC/W
ns
S10A360FR
600
10
7
80
1.60
9
5
100
1.7
180
S10A360S7
600
9
6.3
80
1.75
9
5
100
2.5
85
S10A380
800
11
8
80
1.40
9
5
100
1.7
5000
S10A3100
1000
11
8
80
1.40
9
5
100
1.7
5000
S10A3100FR
1000
9
6.3
80
1.75
9
5
100
2.5
180
MECHANICAL DIMENSIONS: In Inches / mm
CAT. 410
CASE: Black anodized
POTTING SURFACE: Uncontrolled
AC AC AC
+
AC
AC
AC
+
.34
.28
(8.64
7.11)
4-40 UNC
(2 Places)
.765 (19.43)
.41
.35
(10.41
8.89)
.34
.28
(8.64
7.11)
1.25 (31.75)
.22
.16
(5.59
4.06)
1.062
(26.98)
.50(12.70)
Max
.300(7.62 ) Max
.095 (2.41)
.109 (2.77)
.070 (1.78)
.31
.25
(7.87
6.35)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com