Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMSC0202-10NF Datasheet(PDF) 1 Page - Micross Components

Part # EMSC0202-10NF
Description  Embedded & Wirebond Silicon Capacitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

EMSC0202-10NF Datasheet(HTML) 1 Page - Micross Components

  EMSC0202-10NF Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded & Wirebond Silicon
Capacitor
EMSC0202 10nF (30V)
935.121.72C.510
Key Features
• Ultra Low Profile (100µm)
• Ultra High Stability of Capacitance Value;
• Temperature <±0.5% (-55 to +150°C)
• Voltage < 0.1 % / V
• Negligible Capacitance Loss through Ageing
• High Reliability
• Low Leakage Current down to 100pA
• High Operating Temperature (up to 150°C)
Key Applications
• Any Demanding Applications, such as Medical, Aerospace,
Automotive Industrial.
• Devices with Battery Operations
• High Reliability Applications
• Supply Decoupling / Filtering of Active Device
• High Temperature Applications
• Volume Limited Applications
2 & 4 Hellesdon Park Road, Norwich, Norfolk, NR6 5DR
+44 (0)1603 788967
www.micross.com
chipcomponents@micross.com
Pb
The IPDiA Technology features high reliability, up to 10
times better than alternative capacitor technologies &
eliminates cracking phenomena.
Silicon Capacitor Technology also offers a very stable
capacitor value over the full operating voltage &
temperature tange, with a high and stable insulation
resistance.
This silicon based technology is RoHS compliant and
compatible with lead free reflow soldering process.
Part Number
935.132.
B. 2
S.
U.
xx
Breakdown
Size:
Unit:
Value
ie. 100nF/0404 case (EMSC type)
935.121.42F.610
Voltage:
F = 0303 G= 0302
0 = 10f
5 = 1n
1 = 20V
H = 0202 C= 0503
1 = 0.1p
6 = 10n
4 = 11V
I = 0101 V = 0402
2 = 1p
7 = 0.1u
6 = 50V
S = 0404 Y = 0201
3 = 10p
8 = 1u
7 = 30V
V = 0504 X = 2016
4 = 0.1n
9 = 10u
Parameters
Value
Capacitance Range 390pF to 4.7µF
Capacitance Tolerances ±15%
Operating Temperature Range -55°C to 150°C
Storage Temperatures -70°C to 165°C
Temperature Coefficient <±1%, from -55°C to +150°C
Breakdown Voltage (BV) 30V, 11V
Capacitance Variation Vs. RVDC 0.1% IV (from 0 V to RVDC)
Equivalent Serial Inductor (ESL) Max 100pH
Equivalent Serial Resistor (ESR) Max 0.1Ω
Insulation Resistance 100GΩ min @ 3V, 25°C
Ageing Negligible, < 0.001% / 1000h
Reliability FIT < 0.017 parts / billion hours
Capacitor Height Max 100µm


Similar Part No. - EMSC0202-10NF

ManufacturerPart #DatasheetDescription
logo
Micross Components
EMSC0202-10NF-30V MICROSS-EMSC0202-10NF-30V Datasheet
300Kb / 1P
Embedded & Wirebond Silicon Capacitor
More results

Similar Description - EMSC0202-10NF

ManufacturerPart #DatasheetDescription
logo
Micross Components
EMSC0202-10NF-30V MICROSS-EMSC0202-10NF-30V Datasheet
300Kb / 1P
Embedded & Wirebond Silicon Capacitor
EMSC0303-10NF MICROSS-EMSC0303-10NF Datasheet
300Kb / 1P
Embedded & Wirebond Silicon Capacitor
EMSC0303-10NF-50V MICROSS-EMSC0303-10NF-50V Datasheet
1Mb / 1P
Embedded Silicon Capacitor
EXSC0202-10NF MICROSS-EXSC0202-10NF Datasheet
286Kb / 1P
Temperature Silicon Capacitor
EXSC0402-10NF MICROSS-EXSC0402-10NF Datasheet
1Mb / 1P
Embedded Silicon Capacitor
EXSC0505-220NF MICROSS-EXSC0505-220NF Datasheet
280Kb / 1P
Temperature Silicon Capacitor
EXSC1208-1F MICROSS-EXSC1208-1F Datasheet
286Kb / 1P
Temperature Silicon Capacitor
EXSC1616-33F MICROSS-EXSC1616-33F Datasheet
286Kb / 1P
Temperature Silicon Capacitor
logo
Knowles Electronics
L065XG9W KNOWLES-L065XG9W Datasheet
298Kb / 2P
6.5 GHz Wirebond Low-Pass Filter
PDR06120 KNOWLES-PDR06120 Datasheet
428Kb / 2P
DC-40 GHz Wirebond Resistive Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com