Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2293Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # L2293Q
Description  Push-pull four channel driver with diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Datasheet(HTML) 1 Page - STMicroelectronics

  L2293Q Datasheet HTML 1Page - STMicroelectronics L2293Q Datasheet HTML 2Page - STMicroelectronics L2293Q Datasheet HTML 3Page - STMicroelectronics L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2009
Doc ID 14899 Rev 3
1/13
13
L2293Q
Push-pull four channel driver with diodes
Features
600 mA output current capability per channel
1.2 A peak output current (non repetitive) per
channel
Enable facility
Overtemperature protection
Logical “0” input voltage up to 1.5 V (high noise
immunity)
Internal clamp diodes
Description
The device is a monolithic integrated high voltage,
high current four channel driver designed to
accept standard DTL or TTL logic levels and drive
inductive loads (such as relays solenoides, DC
and stepping motors) and switching power
transistors.
To simplify use as two bridges each pair of
channels is equipped with an enable input. A
separate supply input is provided for the logic,
allowing operation at a lower voltage and internal
clamp diodes are included.
This device is suitable for use in switching
applications at frequencies up to 50 kHz.
The L2293Q is assembled in a VFQFPN-32L 5x5
package which has exposed pad available for
heatsinking.
VFQFPN 5 mm x 5 mm 32L
Figure 1.
Block diagram
www.st.com


Similar Part No. - L2293Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L2293Q STMICROELECTRONICS-L2293Q Datasheet
278Kb / 12P
Push-pull four channel driver with diodes
10-Jul-2008
More results

Similar Description - L2293Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
Integrated Circuit Push-Pull Four Channel Driver
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
Apr-1993
L293D STMICROELECTRONICS-L293D Datasheet
80Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jun-1996
L293DD013TR STMICROELECTRONICS-L293DD013TR Datasheet
862Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
July 2003
L293B STMICROELECTRONICS-L293B_03 Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
L2293Q STMICROELECTRONICS-L2293Q Datasheet
278Kb / 12P
Push-pull four channel driver with diodes
10-Jul-2008
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
Jul-2003
L293D STMICROELECTRONICS-L293D_03 Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com