Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP6506 Datasheet(PDF) 3 Page - Stanson Technology

Part # STP6506
Description  Dual P Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP6506 Datasheet(HTML) 3 Page - Stanson Technology

  STP6506 Datasheet HTML 1Page - Stanson Technology STP6506 Datasheet HTML 2Page - Stanson Technology STP6506 Datasheet HTML 3Page - Stanson Technology STP6506 Datasheet HTML 4Page - Stanson Technology STP6506 Datasheet HTML 5Page - Stanson Technology STP6506 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STP6506
Dual P Channel Enhancement Mode MOSFET
-2.8A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STP6506 2010. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25
Unless otherwise noted )
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1
-3
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
uA
VDS=-24V,VGS=0V
TJ=55℃
-10
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-10V
-6
A
Drain-source On-Resistance
RDS(on)
VGS=-10V,ID=-2.8A
0.088
0.103
VGS=-4.5V,ID=-2.5A
0.110
0.132
Forward Transconductance
gfs
VDS=-10V,ID=-2.8A
-4.0
S
Diode Forward Voltage
VSD
IS=-1.2A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
5.8
10
nC
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
1.5
Input Capacitance
Ciss
VDS=-15V,VGS=-0V,
f=1MHz
226
Output Capacitance
Coss
87
Reverse Transfer Capacitance
Crss
19
Turn-On Time
Td(on)
VDD=-15V, RL=15 ,
VGEN=-10V, RG=6
ID=1.0A
9
20
nS
tr
9
20
Turn-Off Time
Td(off)
18
35
tf
6
20
VDS=-15V,VGS=-10V,
VDS=-1.7A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com