Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P774-025 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P774-025
Description  25-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P774-025 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P774-025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P774-025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P774-025 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved P774-025 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cable Length (ft.)
25
Cable Length (m)
7.62
UPC ASSIGNMENT
Unit Carton UPC#
037332121554
PHYSICAL
Color
Black
CONNECTIONS
Connector A
HD15 (MALE)
Connector B
(X2) MINI DIN-6 (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
P774-006
6-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P774-010
10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P774-015
15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P776-006
6-ft. KVM Switch USB (2-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P776-010
10-ft. KVM Switch USB (2-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/P774-025.
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com