Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6699 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6699
Description  27V Step Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 Datasheet(HTML) 1 Page - Exar Corporation

  SP6699 Datasheet HTML 1Page - Exar Corporation SP6699 Datasheet HTML 2Page - Exar Corporation SP6699 Datasheet HTML 3Page - Exar Corporation SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
October 2011
Rev. 2.1.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP6699 is an inductor-based DC/DC
converter designed to drive up to five white
LEDs in series for LCD modules and keypad
backlighting functions.
Only one feedback resistor is needed to
control the LED current and obtain the desired
brightness. A 1.0MHz constant frequency PWM
control scheme is used, enabling the usage of
small
external
components.
A
typical
application needs a 1mm tall inductor and a
0.22μF output capacitor. Additionally, the
boost circuit Schottky diode is integrated,
further reducing the overall foot print.
A logic controlled enable pin allows this device
to be placed in a low current consumption
mode of a few microamps. Furthermore, the
SP6699 is equipped with an over voltage
output protection circuit which clamps the
output voltage to 27 volts when any LED fails
or in other abnormal conditions.
The SP6699 is offered in a smal lead free,
RoHS compliant 6-pin SOT23 package.
APPLICATIONS
 LCD Modules
 Keypad Backlighting
 Digital Cameras
 GPS Receivers
 Portable Media Players
FEATURES
 High Output Voltage: Up to 27V
 Drives 2 to 5 LEDs @ 20mA
 High Efficiency up to 84%
 Integrated Schottky Diode
 Fast 1.0MHz Switching Frequency
 200mV Feedback Voltage
 PWM Dimming Capability up to 1KHz
 Over Output Voltage Protection
 Internal Soft Start Circuit
 Small SOT23-6 Package Sub feature
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP6699 Application Diagram


Similar Part No. - SP6699

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
More results

Similar Description - SP6699

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
logo
Monolithic Power System...
MP3389 MPS-MP3389 Datasheet
391Kb / 16P
12?밪tring, Step-up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
STMicroelectronics
STLED25 STMICROELECTRONICS-STLED25 Datasheet
2Mb / 30P
5 channels step-up white LED driver
11-May-2012
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
High Efficiency, 38V Step-Up White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com