Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INTERNET350U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET350U
Description  Internet Office 350VA Ultra-compact Standby 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET350U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET350U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET350U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET350U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET350U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Internet Office 350VA Ultra-compact Standby 120V
UPS with USB port
MODEL NUMBER: INTERNET350U
Description
Tripp Lite's INTERNET350U standby UPS system offers complete protection from blackouts, brownouts and transient surges on both AC and dialup modem
lines. Provides seamless battery support during brownouts and power failures with enough runtime to save and shutdown connected equipment without data
loss. Offers complete power protection in an ultra-compact, flat-pack housing with an appearance closer to a power strip than other bulky UPS designs.
Includes 3 battery supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and
other system accessories not requiring battery support. USB port enables optional unattended system shutdown without data loss in the case of extended
power failure. PowerAlert software available via free download from www.tripplite.com, includes bundled USB cable. Built-in single line RJ11 phone
suppression jacks with line splitter protects up to two directly connected modems, fax machines, cordless phones or other peripherals with a standard dialup
phone connection. Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation. 350VA/180 watt
power handling ability supports entry-level PC systems for up to 12 minutes during power fail conditions. $100,000 Ulrtimate Lifetime Insurance (USA, Puerto
Rico, & Canada Only)
Features
INTERNET350U standby UPS offers complete protection from blackouts, brownouts and surges on both AC and TEL/DSL line connections
6 widely spaced outlets accommodate large transformer plugs without blocking outlets
3 battery supported outlets protect computer, monitor and vital system peripherals, plus 3 additional surge suppression-only outlets for printers and other
system accessories not requiring battery support
Provides battery derived AC output during blackouts and brownouts
350VA/180 watt power handling ability supports a variety of PCs, workstations and other sensitive electronics
Supports entry-level PC systems up to 12 minutes during blackout conditions
Built-in single line TEL/DSL line surge suppression protects modems, fax machines or cordless phones on a single phone line connection
USB port, free PowerAlert software (available via web download) and cabling offer safe unattended shutdown without data loss during extended outages
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment - ideal for unattended kiosk applications
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Space saving, ultra-compact housing fits almost anywhere
Highlights
350VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
INTERNET350U UPS System
USB cable
Instruction manual
1 / 4


Similar Part No. - INTERNET350U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET350U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA Datasheet
524Kb / 4P
TAA Compliant Internet Office 900VA Ultra-compact Standby 120V UPS
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300 Datasheet
506Kb / 4P
Internet Office 300VA Ultra-compact Standby 120V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com