Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSKUW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MSKUW
Description  5 Watt DC/DC Converter Single and Dual Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKUW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MSKUW Datasheet HTML 1Page - Wall Industries,Inc. MSKUW Datasheet HTML 2Page - Wall Industries,Inc. MSKUW Datasheet HTML 3Page - Wall Industries,Inc. MSKUW Datasheet HTML 4Page - Wall Industries,Inc. MSKUW Datasheet HTML 5Page - Wall Industries,Inc. MSKUW Datasheet HTML 6Page - Wall Industries,Inc. MSKUW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKUW Series
5 Watt DC/DC Converter
Single and Dual Outputs
4:1 Ultra Wide Input Voltage Range
Rev A
FEATURES
● SMT Technology
● High Power Density
● Efficiency up to 83%
● 1500VDC I/O Isolation
● Short Circuit Protection
● Remote ON/OFF Control
● MTBF > 1,000,000 Hours
● 4:1 Ultra Wide Input Voltage Range
● EMI Complies with EN55022 Class A
● Operating Temperature: -40°C to +71°C
SPECIFICATIONS: MSKUW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
24V nominal input models
9
24
36
Input Voltage Range
48V nominal input models
18
48
75
VDC
24V nominal input models
7
8
9
Start Voltage
48V nominal input models
14
16
18
VDC
24V nominal input models
6
7
8
Under Voltage Shutdown
48V nominal input models
13
15
17
VDC
24V nominal input models
-0.7
50
Input Surge Voltage (1000ms)
48V nominal input models
-0.7
100
VDC
Reverse Polarity Input Current
1
A
Input Filter
Pi Filter
Reflected Ripple Current
See Rating Chart
Short Circuit Input Power
1000
3000
mW
OUTPUT (Vo)
Output Voltage
See Rating Chart
Output Voltage Accuracy
±0.5
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±3.0
%
Load Regulation
Io = 10% to 100%
±0.3
±1.0
Line Regulation
Vin = min. to max.
±0.2
±1.0
%
Output Power
5
W
Output Current
See Rating Chart
Ripple & Noise (20MHz)
50
85
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
100
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
Transient Response Deviation
25% Load Step Change
±2
±6
%
Transient Recovery Time
25% Load Step Change
250
500
µs
REMOTE ON/OFF CONTROL
Supply On
2.5 to 5.5VDC or open circuit
Supply Off
-0.7
0.8
VDC
Device Standby Input Current
10
mA
Control Input Current (ON)
Vin = min to max
-600
µA
Control Input Current (OFF)
Vin = min to max
-700
µA
Control Common
Referenced to negative input
PROTECTION
Short Circuit Protection
continuous
Over Power Protection
115
%
24V nominal input models
1500mA slow-blow type
Input Fuse Recommendation
48V nominal input models
750mA slow-blow type
GENERAL
Efficiency
See Rating Chart
Switching Frequency
340
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
650
750
pF
Internal Power Dissipation
2500
mW
Max. Capacitive Load
See Rating Chart
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+71
°C
Operating Temperature (Case)
-40
+90
°C
Storage Temperature
-40
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
Temperature Coefficient
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
1000
Khours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
14 grams
Dimensions (L x W x H)
1.31x0.81x0.40 in (33.4x20.6x10.2 mm)
Case Material
Non-conductive black plastic
Flammability
UL94V-0
DESCRIPTION
The MSKUW series of DC/DC converters provide a maximum of 5 watts in a “gull-wing” SMT
package. These converters operate over 4:1 ultra wide input voltage ranges of 9-36 or
18-75VDC. This series also has single output voltages of 3.3, 5, 12, and 15VDC and
dual output voltages of ±5, ±12, and ±15VDC. These converters have a typical full load
efficiency of 83%, remote ON/OFF control, and continuous short circuit protection. The
-40°C~+71°C operating temperature make these converters ideal for data communication
equipment, mobile battery driven equipment, process/machine control equipment,
telecommunication equipment, computer peripheral systems, distributed power systems, mixed analog/digital
subsystems, and industrial robot systems. The EN55022 Class A conducted noise compliance minimizes
design time, cost, and eliminates the need for external filter components.


Similar Part No. - MSKUW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
204Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - MSKUW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
MT5 ETC1-MT5 Datasheet
280Kb / 2P
5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
B5R-1203 VOLGEN-B5R-1203 Datasheet
342Kb / 3P
5 WATT DC/DC CONVERTER, SINGLE & MULTIPLE OUTPUTS
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
Single and Dual Outputs 6 Watt DC/DC Converters
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
1 Watt DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
5 Watts DC/DC Converter Single and Dual Outputs
ME12S5-1000W WALL-ME12S5-1000W Datasheet
175Kb / 6P
5600VDC I/O Isolation Single and Dual Outputs 5~6 Watt Medical DC/DC Converter
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com