Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAQF120 Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # PSAQF120
Description  AC/DC Switching Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF120 Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button PSAQF120 Datasheet HTML 2Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 3Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 4Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 5Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 6Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 7Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 8Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 9Page - Wall Industries,Inc. PSAQF120 Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev. A
PSAQF120 Series
Single Output, PFC Function
120W, 180W with 18CFM Fan
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/04/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 9 of 10
I/O CONNECTOR OPTIONS
A TYPE
B TYPE
PIN CONNECTIONS
PIN
SINGLE OUTPUT
1
AC IN (L)
2
AC IN (N)
3
FG
4 ~ 7
+DC OUT
8 ~ 11
-DC OUT
PIN CONNECTIONS
PIN
SINGLE OUTPUT
1
AC IN (L)
2
AC IN (N)
3
FG
4 ~ 5
+DC OUT
6 ~ 7
-DC OUT
Note: For A type add the suffix “-A” to the part number and for B type add the suffix “-B” to the part number (Ex: PSAQF120O-12S-A).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com