Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSHF320W Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSHF320W
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHF320W Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSHF320W Datasheet HTML 1Page - Wall Industries,Inc. PSHF320W Datasheet HTML 2Page - Wall Industries,Inc. PSHF320W Datasheet HTML 3Page - Wall Industries,Inc. PSHF320W Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B
PSHF320W Series
Universal Input Voltage
Up to 322 Watts, Single Outputs
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
PSHF320W-SC-5
5 VDC
60A
100mVp-p
300W
79%
PSHF320W-SC-7.5
7.5 VDC
40A
100mVp-p
300W
83%
PSHF320W-SC-12
12 VDC
25A
100mVp-p
300W
86%
PSHF320W-SC-13.5
13.5 VDC
22A
100mVp-p
297W
86%
PSHF320W-SC-15
15 VDC
20A
100mVp-p
300W
86%
PSHF320W-SC-24
24 VDC
13A
150mVp-p
312W
87%
PSHF320W-SC-27
27 VDC
11.7A
150mVp-p
316W
88%
PSHF320W-SC-48
85 ~ 264 VAC
or
120 ~370 VDC
48 VDC
6.7A
240mVp-p
321.6W
89%
MECHANICAL DRAWING
6.99 (177.5)
1.08 (27.5)
Unit: inches (mm)
4 - M4
6 - M3
1.28 (32.5)
5.91 (150)
4.63 (117.5)
0.33
(8.5)
1.91 (48.5)
4 - M4
8.46 (215)
1.28 (32.5)
5.91 (150)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com