Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSIUU100 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSIUU100
Description  AC/DC Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIUU100 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSIUU100 Datasheet HTML 1Page - Wall Industries,Inc. PSIUU100 Datasheet HTML 2Page - Wall Industries,Inc. PSIUU100 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
PSIUU100 SERIES
Up to 100 Watts, AC/DC Switching Power Supplies
02/25/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
TECHNICAL SPECIFICATIONS: PSIUU100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
90
260
Input Voltage
Safety Approvals Input Voltage Range
100
240
VAC
Input Frequency
47
63
Hz
Vin = 100VAC, Io = full load
2.0
Input Current
Vin = 240VAC, Io = full load
2.0
A
Vin = 115VAC, Io = full load, 25°C, cold start
50
Inrush Current
Vin = 230VAC, Io = full load, 25°C, cold start
100
A
No Load Power Consumption
Vin = 230VAC, Io = no load
6
W
Power Factor Correction
Vin = 240VAC, Io = full load
0.95
1
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
LL to HL, full load
0.5
1
%
Load Regulation
Vin = 230VAC or 325VDC
2
5
%
Output Power
See Table
Output Current
See Table
Outputs under 3.3VDC
2
Ripple & Noise (peak to peak)
Vin = 90VAC, Io = full load
Others
1
%
Hold-up Time
Vin = 110VAC, Io = full load
16
ms
Start-up Time
Vin = 100VAC, Io = full load
3
s
Transient Response Time
Vin = 100VAC, Io = Full load to half load
4
ms
Temperature Coefficient
0~50°C
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
Vin = 230VAC, Io = full load
70
85
%
Primary to Secondary
4242
Dielectric Withstanding Voltage
Primary to PE
2594
VDC
Isolation Resistance
Test Voltage = 500VDC
50
Leakage Current
Vin = 240VAC/60Hz
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
-20
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.05 lbs (475g)
Dimensions (L x W x H)
5.00 x 3.21 x 1.44 inch (127.0 x 81.6 x 36.6 mm)
Input Connector
Mates with Molex housing 09-52-4054 and Molex 2478 crimp terminal
Output Connector
Mates with Molex housing 09-52-4134 and Molex 2478 crimp terminal
SAFETY
Safety Approvals
UL/cUL (UL 60950-1: 2nd edition); TUV/GS (EN 60950-1: 2nd edition)
EMI Requirements for CISPR-22
220VAC
B
Class
EMI Requirements for FCC PART-15
110VAC
B
Class



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com