Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSPDF-480 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPDF-480
Description  AC/DC Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-480 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPDF-480 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-480 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-480 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A 
PSPDF‐480 SERIES
Up to 528 Watts, AC/DC Switching Power Supplies
11/04/2014  
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH  03833 • Tel: 603‐778‐2300 • Toll Free: 888‐597‐9255 • Fax 603‐778‐9797 
website: www.wallindustries.com • e‐mail: sales@wallindustries.com 
Page 2 of 3
TECHNICAL PECIFICATIONS: PSPDF‐480 SERIES 
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. 
We reserve the right to change specifications based on technological advances. 
SPECIFICATION 
TEST CONDITIONS 
Min 
Typ 
Max 
Unit 
INPUT SPECIFICATIONS 
Input Voltage 
 
90 
 
264 
VAC 
Input Frequency 
 
47 
 
63 
Hz 
AC Current  
  
Inrush Current 
At 230VAC and cold start 
 
 
20 
Power Factor 
At 115VAC  
0.98  
 
At 230VAC  
0.96  
OUTPUT SPECIFICATIONS 
Output Voltage  
See Table 
Voltage Accuracy 
 
‐2.0 
 
+2.0 
Voltage Adjustability  
‐5  
+10 
%Vo 
Line Regulation 
Low Line to High Line 
12V, 24V, 27V, 36V output models 
‐0.5 
 
+0.5 
48V output model 
‐0.2 
 
+0.2 
Load Regulation 
0% to 100% full load ‐1.0  
+1.0 
Output Power 
 
See Table 
Output Current  
See Table 
Ripple & Noise 
Measured at 20MHz BW and with 0.1µF and 10µF capacitors in parallel 
See Table 
Hold‐up Time 
At 230VAC and full load  
16  
ms 
Setup Time 
At 115VAC and full load 
 
 
ms 
At 230VAC and full load 
 
1.5 
 
Temperature Coefficient  
‐0.05  
+0.05 
%/°C 
Overshoot and Undershoot 
 
 
 
5.0 
PROTECTION 
Short Circuit Protection 
Constant current 
Long‐term mode, auto‐recovery 
Over Voltage Protection 
Constant voltage 
110 
 
150 
%Vo 
Over Load Protection 
Constant power 
110  
135 
%Io 
Over Temperature Protection 
shutdown, automatic recovery after the temperature goes down to 75°C 
105°C+5°C (detect on Mosfet temp.) 
GENERAL SPECIFICATIONS 
Efficiency  
See Table 
Withstand Voltage 
≤10mA 
Primary to Secondary 
3000 
 
 
VAC 
≤10mA 
Primary to PG 
1500 
 
 
≤10mA 
Secondary to PG 
500 
 
 
Isolation Resistance  
100  
 
MΩ 
Leakage Current 
Input to Output 
 
 
0.25 
mA 
Input to PG 
 
 
3.5 
ENVIRONMENTAL SPECIFICATIONS 
Operating Temperature  
See derating curve ‐30  
+70 
°C
Storage Temperature 
 
‐40 
 
+85 
°C
Operating Humidity 
Non‐condensing 
20  
90 
% RH 
Storage Humidity 
Non‐condensing 
10 
 
95 
% RH 
Cooling 
Built‐in fan 
Forced air cooling 
MTBF 
MIL‐HDBK‐217F; 25°C and full load 
200,000 
 
 
hours 
PHYSICAL SPECIFICATIONS 
Weight  
3.2 lbs (1450g) 
Dimensions (L x W x H) 
8.58 x 4.59 x 1.61 inches (218.0 x 116.5 x 41.0 mm)
SAFETY & EMC (See Note 2) 
Safety Approvals 
UL60950‐1 (2nd edition), IEC60950‐1:2005 (2nd edition), EN60950‐1:2006
EMI Conduction & Radiation 
 
EN55022, Class B 
Harmonic Current 
 
EN61000‐3‐2, Class D 
EMC Immunity 
EN61000‐4‐2,3,4,5,6,8,11; heavy industry level
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com