Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSUP350 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSUP350
Description  AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSUP350 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSUP350 Datasheet HTML 1Page - Wall Industries,Inc. PSUP350 Datasheet HTML 2Page - Wall Industries,Inc. PSUP350 Datasheet HTML 3Page - Wall Industries,Inc. PSUP350 Datasheet HTML 4Page - Wall Industries,Inc. PSUP350 Datasheet HTML 5Page - Wall Industries,Inc. PSUP350 Datasheet HTML 6Page - Wall Industries,Inc. PSUP350 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. B
PSUP350 Series
Single Output
Up to 351 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 7
MODEL SELECTION TABLES
PSUP-350C MODELS
Output Current
Output Power
Model Number
Input Voltage
Range
Output
Voltage
Convection
10.5CFM Fan
Convection
10.5CFM Fan
Efficiency
PSUP-350-12C
90 ~ 264 VAC
(127 ~ 370 VDC)
12 VDC
25 A
29.2 A
300 W
350.4 W
88%
PSUP-350-15C
90 ~ 264 VAC
(127 ~ 370 VDC)
15 VDC
20 A
23.4 A
300 W
351 W
89%
PSUP-350-24C
90 ~ 264 VAC
(127 ~ 370 VDC)
24 VDC
12.5 A
14.6 A
300 W
350.4 W
89%
PSUP-350-48C
90 ~ 264 VAC
(127 ~ 370 VDC)
48 VDC
6.25 A
7.3 A
300 W
350.4 W
90%
PSUP-350T MODELS
Output Current
Output Power
Model Number
Input Voltage
Range
Output
Voltage
Convection
10.5CFM Fan
Convection
10.5CFM Fan
Efficiency
PSUP-350-12T
90 ~ 264 VAC
(127 ~ 370 VDC)
12 VDC
25 A
29.2 A
300 W
350.4 W
88%
PSUP-350-15T
90 ~ 264 VAC
(127 ~ 370 VDC)
15 VDC
20 A
23.4 A
300 W
351 W
89%
PSUP-350-24T
90 ~ 264 VAC
(127 ~ 370 VDC)
24 VDC
12.5 A
14.6 A
300 W
350.4 W
89%
PSUP-350-48T
90 ~ 264 VAC
(127 ~ 370 VDC)
48 VDC
6.25 A
7.3 A
300 W
350.4 W
90%
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1µF capacitor and a
47µF capacitor in parallel.
2. Tolerance includes set up tolerance, line regulation, and load regulation.
3. Derating may be needed under low input voltages. Please check the derating curve for more details.
4. The power supply is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
5. There are two mechanical options available (Type C or Type T). Please see mechanical drawings on pages 5 and 6 for
more details.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com