Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSQLF100 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSQLF100
Description  AC/DC LED Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSQLF100 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSQLF100 Datasheet HTML 1Page - Wall Industries,Inc. PSQLF100 Datasheet HTML 2Page - Wall Industries,Inc. PSQLF100 Datasheet HTML 3Page - Wall Industries,Inc. PSQLF100 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
PSQLF100 SERIES
96 Watt, AC/DC LED Switching Power Supplies
08/16/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
RoHS Compliant
PFC Function, PF>0.9
Single Outputs
Double Layered PCB
Free Air Convection
Up to 90% High Efficiency
96 Watts Maximum Output Power
90~295VAC Input Voltage Range
Short Circuit, Over Voltage, and Over Load Protection
Constant Current (CC) & Constant Voltage (CV) Modes
UL8750, IEC/EN 61347-2-13, & IEC/EN 61347-1 Approvals
IP66/67 Design for Indoor or Outdoor LED Installations
DESCRIPTION
IP66/67
E347942 LEVEL3
Size:
4.76 x 2.36 x 1.38 inches
120.9 x 60.0 x 35.0 mm
The PSQLF100 series of AC/DC LED switching power supplies provides a maximum power
rating of 96W in a 4.76” x 2.36” x 1.38” fully isolated plastic case. These supplies meet IP66/67
waterproof standards, which makes them suitable for harsh environments in industrial or
commercial outdoor lighting applications. The PSQLF100 series consists of single output
models with an input voltage range of 90-295VAC. Some features include high efficiency up to
90%, power factor > 0.9, and short circuit, over voltage, and over load protection. The
PSQLF100 series has both constant current (CC) and constant voltage (CV) modes and is
suitable for LED lighting applications. This series is also RoHS compliant and has UL8750,
IEC/EN 61347-1, and IEC/EN 61347-2-13 safety approvals.
MODEL SELECTION TABLE
IP66 RATED MODELS
Output Current
Model Number
Input Voltage Range
Output Voltage (2)
Min
Current Adj. Range
Output Power
Ripple & Noise (1)
Efficiency
PSQLF100-24S-IP66
24 VDC (15.6~24 VDC)
2.6 A
3.5 A (2.6~4.0 A)
96 W
2.7Vp-p
89%
PSQLF100-36S-IP66
36 VDC (23.4~36 VDC)
1.72 A
2.1 A (1.72~2.65 A)
96 W
5Vp-p
90%
PSQLF100-48S-IP66
48 VDC (31.2~48 VDC)
1.3 A
1.75 A (1.3~2.0 A)
96 W
5Vp-p
89%
PSQLF100-54S-IP66
90 ~ 295 VAC
54 VDC (35.1~54 VDC)
1.15 A
1.4 A (1.15~1.77 A)
95.6 W
5Vp-p
90%
IP67 RATED MODELS
Output Current
Model Number
Input Voltage Range
Output Voltage (2)
Min
Preset Current (fixed)
Output Power
Ripple & Noise (1)
Efficiency
PSQLF100-24S-IP67
24 VDC (15.6~24 VDC)
2.6 A
3.5 A (2.6~4.0 A)
96 W
2.7Vp-p
89%
PSQLF100-36S-IP67
36 VDC (23.4~36 VDC)
1.72 A
2.1 A (1.72~2.65 A)
96 W
5Vp-p
90%
PSQLF100-48S-IP67
48 VDC (31.2~48 VDC)
1.3 A
1.75 A (1.3~2.0 A)
96 W
5Vp-p
89%
PSQLF100-54S-IP67
90 ~ 295 VAC
54 VDC (35.1~54 VDC)
1.15 A
1.4 A (1.15~1.77 A)
95.6 W
5Vp-p
90%
NOTES
1. Measured at 20MHz bandwidth and with 0.1µF and 47µF capacitors in parallel.
2. Input Voltage = 115VAC or 230VAC. This is suitable operation region for LED related applications but please reconfirm special electrical requirements for
some specific system designs.
BLOCK DIAGRAM
EMI FILTER
&
RECTIFIERS
POWER
SWITCHING
O.L.P.
PWM
CONTROL
FILTER
&
RECTIFIERS
DETECTION
CIRCUIT
O.C.P.
I/P
+V
-V
FG


Similar Part No. - PSQLF100

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PSQ0703 PREMO-PSQ0703 Datasheet
820Kb / 6P
SMD Power Inductors Unshielded
PSQ0703-100K PREMO-PSQ0703-100K Datasheet
820Kb / 6P
SMD Power Inductors Unshielded
PSQ0703-101K PREMO-PSQ0703-101K Datasheet
820Kb / 6P
SMD Power Inductors Unshielded
PSQ0703-102K PREMO-PSQ0703-102K Datasheet
820Kb / 6P
SMD Power Inductors Unshielded
PSQ0703-120K PREMO-PSQ0703-120K Datasheet
820Kb / 6P
SMD Power Inductors Unshielded
More results

Similar Description - PSQLF100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
AC/DC LED Switching Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
AC/DC LED Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com