Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW7N60K Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N60K
Description  N-channel TO-220F/I-PAK MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N60K Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N60K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Feb. 2014. Rev.1.0
Features
■ High ruggedness
■ R
DS(ON) (Max 0.6Ω)@VGS=10V
■ Gate Charge (Typical 21nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced super-junction technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, excellent avalanche characteristics, low gate charge and especially in
low on resistance. This power MOSFET is usually used at high efficient DC to DC converter
block and switch mode power supply.
N-channel TO-220F/I-PAK MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-251
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
7*
A
Continuous Drain Current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
120
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
8
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
24
V/ns
P
D
Total power dissipation (@T
C=25
oC)
19.8
166.7
W
Derating Factor above 25oC
0.16
1.33
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-251
R
thjc
Thermal resistance, Junction to case
6.32
0.75
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
47.56
80.52
oC/W
1/6
*. Drain current is limited by junction temperature.
BV
DSS : 600V
I
D
: 7.0A
R
DS(ON) :0.6 ohm
1. Gate 2. Drain 3. Source
TO-220F
SW7N60K
SAMWIN
1
2
3
Item
Sales Type
Marking
Package
Packaging
1
SW F 7N60
SW7N60K
TO-220F
TUBE
2
SW I 7N60
SW7N60K
TO-251
TUBE
Order Codes
TO-251
1
2
3
1
2
3


Similar Part No. - SW7N60K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60K2F SEMIPOWER-SW7N60K2F Datasheet
647Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
More results

Similar Description - SW7N60K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW5N60 SEMIPOWER-SW5N60 Datasheet
384Kb / 5P
N-channel TO-220F MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW7N60H SEMIPOWER-SW7N60H Datasheet
550Kb / 5P
N-channel TO-220F MOSFET
SW13N50B SEMIPOWER-SW13N50B Datasheet
397Kb / 5P
N-channel TO-220F MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com