Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW75N75 Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW75N75
Description  N-channel mosfet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW75N75 Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW75N75 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW75N75 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW75N75 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW75N75 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW75N75 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2012. Rev. 3.0
3/5
SAMWIN
Fig. 1. On-state characteristics
Fig. 2. On-resistance variation vs.
drain current and gate voltage
Fig. 3. Gate charge characteristics
SW75N75
Notes:
1. 250μs Pulse Test
2. T=25 ℃
3. VGS 2~10V Step=1V
VGS=20V
VGS=10V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.0
50.0
100.0
150.0
Qg, Total Gate Charge (nC)
VDS=60V
Fig. 4. On state current vs. diode
forward voltage
Fig 5. Breakdown Voltage Variation
vs. Junction Temperature
Fig. 6. On resistance variation
vs. junction temperature
150℃
25℃
0
0.5
1
1.5
2
2.5
-70 -45 -20
5
30
55
80 105 130 155 180
TJ Junction Temperture (℃)
0.8
0.9
1
1.1
1.2
-70 -45 -20
5
30
55
80 105 130 155 180
TJ Junction Temperture (℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com