Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P776-019 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P776-019
Description  19-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVMs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P776-019 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P776-019 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P776-019 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P776-019 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
19-ft. KVM Switch USB (2-in-1) Cable Kit for B020-
and B022-Series KVMs
MODEL NUMBER: P776-019
Description
Tripp Lite's 19-ft. USB (2-in-1) KVM cable kit is designed to connect a USB computer to Tripp Lite's B020- and
B022-Series KVM Switches. The KVM Switch side of the cable kit consists of a HD15 Male cable. The computer
side of the cable kit consists of a HD15 Male cable and a USB A Male cable. This low profile cable is incredibly
flexible, making cable management a breeze. All cables are manufactured from superior molded cable with integral strain relief and foil shielding for maximum
EMI/RFI protection.
Features
Connects a USB computer to Tripp Lite's B020- and B022-Series KVM Switches
KVM Switch side of the cable kit consists of a HD15 Male cable
Computer side of the cable kit consists of a HD15 Male cable and a USB A Male cable
Provides superior performance and cable management
Molded ends with easy-grip textured overmold
Low profile cable is super flexible and easy to control
Superior molded cable with integral strain relief and double shielding (foil and braid) for maximum EMI/RFI protection
Specifications
OVERVIEW
Model Type
Cable Kits
INPUT
Cable Length (ft.)
19
Cable Length (m)
5.79
Highlights
Connects a USB Computer to
Tripp Lite's B020- and
B022-Series KVM Switches
Makes management and
organization of cables much
easier
KVM Switch side of the cable kit
consists of a HD15 Male cable
Computer side of the cable kit
consists of a HD15 Male cable
and a USB A Male cable
Molded, color-coded connectors
System Requirements
A Tripp Lite B020- or B022-Series
KVM switch
Package Includes
P776-019 19 ft. KVM Switch
USB (2-in-1) Cable Kit
1 / 2


Similar Part No. - P776-019

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P776-010 TRIPPLITE-P776-010 Datasheet
485Kb / 3P
10-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVM switches
More results

Similar Description - P776-019

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P772-002 TRIPPLITE-P772-002 Datasheet
491Kb / 3P
2-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
P772-006 TRIPPLITE-P772-006 Datasheet
492Kb / 3P
6-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
P772-015 TRIPPLITE-P772-015 Datasheet
491Kb / 3P
15-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
P774-006 TRIPPLITE-P774-006 Datasheet
481Kb / 3P
6-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P774-010 TRIPPLITE-P774-010 Datasheet
486Kb / 4P
10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P774-015 TRIPPLITE-P774-015 Datasheet
484Kb / 4P
15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P774-025 TRIPPLITE-P774-025 Datasheet
487Kb / 4P
25-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P776-006 TRIPPLITE-P776-006 Datasheet
484Kb / 3P
6-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVMs
P776-010 TRIPPLITE-P776-010 Datasheet
485Kb / 3P
10-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVM switches
P778-006 TRIPPLITE-P778-006 Datasheet
498Kb / 4P
6-ft. KVM Switch USB/PS2 Combo Cable for B020-U08/U16 and B022-U16 KVMs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com