Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP0701 Datasheet(PDF) 4 Page - Supertex, Inc

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701 Datasheet(HTML) 4 Page - Supertex, Inc

  LP0701 Datasheet HTML 1Page - Supertex, Inc LP0701 Datasheet HTML 2Page - Supertex, Inc LP0701 Datasheet HTML 3Page - Supertex, Inc LP0701 Datasheet HTML 4Page - Supertex, Inc LP0701 Datasheet HTML 5Page - Supertex, Inc LP0701 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LP0701
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
Q
G (nanocoulombs)
V
(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
BV
DSS Variation with Temperature
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
200
0
-5
-10
-15
100
0
-1
-2
-3
-4
-5
-2
-1
-50
0
50
100
150
1.1
10
8
6
4
2
0
0
-3
1.4
1.2
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.0
0.8
0.6
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
-50
0
50
100
150
238pF
f = 1.0MHz
-1
-2
-20V
0
V
DS = -15V
0.9
1.0
C
ISS = 115pF
RDS(ON) @ -5V, -300mA
0
T
A = 125
O
C
V
GS = -2.0V
I
D (amperes)
T
J (
O
C)
V
GS (volts)
V
DS = -10V
V
DS (volts)
C
ISS
C
OSS
C
RSS
T
J (
O
C)
V
GS = -3.0V
V
GS = -5.0V
T
A = 25
O
C
T
A = -55
O
C
V
(th) @ -1.0mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com