Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA120 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA120
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA120 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA120 Datasheet HTML 3Page - STMicroelectronics STA120 Datasheet HTML 4Page - STMicroelectronics STA120 Datasheet HTML 5Page - STMicroelectronics STA120 Datasheet HTML 6Page - STMicroelectronics STA120 Datasheet HTML 7Page - STMicroelectronics STA120 Datasheet HTML 8Page - STMicroelectronics STA120 Datasheet HTML 9Page - STMicroelectronics STA120 Datasheet HTML 10Page - STMicroelectronics STA120 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
STA120
Table 1. Normal Audio Port Modes (M3 = 0)
Special Modes (M3 = 1)
When M3 is high, the special audio modes described in Table 2 are selected via M2, M1, and M0. In for-
mats 8, 9, and 10, SCK, FSYNC, and SDATA are the same as in formats 0, 1, and 2 respectively; however,
the recovered data is output as is even if ERF is high, indicating an error. (In modes 0-2 the previous valid
sample is output).
When out of lock invalid data are sent to the output and the ERF pin goes high.
Format 11 is similar to format 0 except that SCK is an input and FSYNC is an output.
In this mode FSYNC and SDATA are synchronized to the incoming SCK, This mode may be useful when
writing data to storage.
Table 2. Special Audio Port Modes (M3 = 1)
Format 12 is similar to format 7 except that SDATA is the entire data word received from the transmission
line including the C, U, V, and P bits, with zeros in place of the preamble. In format 13 SDATA contains
the entire biphase encoded data from the transmission line including the preamble, and SCK is twice the
normal frequency.
The normal two frame delay of data from input to output is reduced to only a few bit periods in formats 12
and 13. However, the C, U, V bits and error codes follow their normal pathways and therefore follow the
output data by nearly two frames. Figure 4.... illustrates formats 12 and 13. Format 14 is reserved and not
presently used, and format 15 causes the STA120 to go into a reset state. While in reset all outputs will
be inactive except MCK. The STA120 incorporates a Power-on Reset to avoid a Reset at power-up.
C, U, VERF, ERF, and CBL Serial Outputs
The C and U bits and CBL are output one SCK period prior to the active edge of FSYNC in all serial port
formats except 2, 3 and 10 (I
2S modes). The active edge of FSYNC may be used to latch C, U, and CBL
externally. In formats 2, 3 and 10, the C and U bits and CBL are updated with the active edge of FSYNC.
The validity + error flag (VERF) and the error flag (ERF) are always updated at the active edge of FSYNC.
M2
M1
M0
Format
0
0
0
0 - Out, L/R, 16-24 Bits
0
0
1
1 - In, L/R, 16-24 Bits
01
0
2 - Out, L/R, I2S Compatible
01
1
3 - In, L/R, I2S Compatible
1
0
0
4 - Out, WSYNC, 16-24 Bits
1
0
1
5 - Out, L/R, 16 Bits LSBJ
1
1
0
6 - Out, L/R, 18 Bits LSBJ
1
1
1
7 - Out, L/R, MSB Last
M2
M1
M0
Format
0
0
0
8 - Format 0 - No repeat on error
0
0
1
9 - Format 1 - No repeat on error
0
1
0
10 - Format 2 - No repeat on error
0
1
1
11 - Format 0 - Async. SCK input
1
0
0
12 - Received NRZ Data
1
0
1
13 - Received Bi-phase Data
1
1
0
14 - Reserved
1
1
1
15 - STA120 Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com