Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM706T Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM706T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706T Datasheet(HTML) 4 Page - STMicroelectronics

  STM706T Datasheet HTML 1Page - STMicroelectronics STM706T Datasheet HTML 2Page - STMicroelectronics STM706T Datasheet HTML 3Page - STMicroelectronics STM706T Datasheet HTML 4Page - STMicroelectronics STM706T Datasheet HTML 5Page - STMicroelectronics STM706T Datasheet HTML 6Page - STMicroelectronics STM706T Datasheet HTML 7Page - STMicroelectronics STM706T Datasheet HTML 8Page - STMicroelectronics STM706T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
List of figures
STM706T/S/R, STM706P, STM708T/S/R
4/32
Doc ID 10518 Rev 12
List of figures
Figure 1.
Logic diagram (STM706T/S/R and STM706P) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Logic diagram (STM708T/S/R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
STM706T/S/R and STM706P SO8 connections. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
STM706T/S/R and STM706P TSSOP8 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
STM708T/S/R SO8 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
STM708T/S/R TSSOP8 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
Block diagram (STM706T/S/R and STM706P) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8.
Block diagram (STM708T/S/R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
Reset output valid to ground circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Interfacing to microprocessors with bi-directional reset I/O . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Supply current vs. temperature (no load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
VPFI threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
Reset comparator propagation delay vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Power-up trec vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 16.
Normalized reset threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 17.
Watchdog timeout period vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 18.
PFI to PFO propagation delay vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 19.
Output voltage vs. load current (VCC = 5 V; TA = 25 °C) . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 20.
RST output voltage vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 21.
RST output voltage vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 22.
Power-fail comparator response time (assertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 23.
Power-fail comparator response time (de-assertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
Maximum transient duration vs. reset threshold overdrive . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 25.
AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 26.
Power-fail comparator waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 27.
MR timing waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 28.
Watchdog timing (STM706T/S/R and STM706P) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 29.
SO8 – 8-lead plastic small outline, 150 mils body width, package mechanical . . . . . . . . . 27
Figure 30.
TSSOP8 – 8-lead, thin shrink small outline, 3 x 3 mm body size, outline. . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com