Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RNF2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RNF2
Description  General Purpose Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RNF2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RNF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RNF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RNF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev Date: 10/23/2012
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF/RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Biased Humidity
MIL-STD 202, Method 103
± 1.5%
Resistance to Solder Heat
MIL-STD 202, Method 210
± 0.5%
Insulation Resistance
JIS C 5202 5.6
± 0.5%
Load Life
MIL-STD 202, Method 108
± 1%
Terminal Strength
MIL-STD 202, Method 211
± 0.2%
Temperature Cycling
JESD22 Method JA-104
± 1%
Moisture Resistance
MIL-STD 202, Method 106
± 0.5%
Operating Temperature Range: -55ºC to +155ºC
Standard / Method
Test
Requirement
0
100
-55ºC
70ºC
80
60
40
20
155ºC
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (ºC)
120
140
160
180
0.130 ± 0.012
0.071 ± 0.012
1.102 ± 0.118
0.018 ± 0.003
inches
3.30 ± 0.30
1.80 ± 0.30
28.00 ± 3.00
0.45 ± 0.07
mm
0.250 ± 0.026
0.093 ± 0.010
1.102 ± 0.118
0.022 ± 0.003
inches
6.35 ± 0.65
2.35 ± 0.25
28.00 ± 3.00
0.56 ± 0.08
mm
0.344 ± 0.030
0.108 ± 0.039
1.102 ± 0.197
0.026 ± 0.004
inches
8.75 ± 0.75
2.75 ± 1.00
28.00 ± 5.00
0.65 ± 0.10
mm
0.433 ± 0.039
0.177 ± 0.020
1.181 ± 0.118
0.030 ± 0.002
inches
11.00 ± 1.00
4.50 ± 0.50
30.00 ± 3.00
0.75 ± 0.05
mm
0.591 ± 0.039
0.197 ± 0.020
1.339 ± 0.157
0.028 ± 0.004
inches
15.00 ± 1.00
5.00 ± 0.50
34.00 ± 4.00
0.70 ± 0.10
mm
0.130 ± 0.012
0.070 ± 0.003
1.102 ± 0.118
0.017 ± 0.002
inches
3.30 ± 0.30
1.78 ± 0.08
28.00 ± 3.00
0.44 ± 0.05
mm
0.250 ± 0.026
0.093 ± 0.010
1.102 ± 0.118
0.022 ± 0.003
inches
6.35 ± 0.65
2.35 ± 0.25
28.00 ± 3.00
0.56 ± 0.08
mm
RNF14
RNF12
Type / Code
Unit
RNF18
A
B
C
D
Body Length
RNF1
RNMF14
RNMF12
RNF2
Body Diameter
Lead Length (Bulk)
Lead Diameter
Power Derating Curve:
Mechanical Specifications
Performance Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com