Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM305022-R47K-RC Datasheet(PDF) 2 Page - Allied Components International

Part # SM305022-R47K-RC
Description  Molded RF Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SM305022-R47K-RC Datasheet(HTML) 2 Page - Allied Components International

  SM305022-R47K-RC Datasheet HTML 1Page - Allied Components International SM305022-R47K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM305022-271K-RC
270
65
5.7
11.00
182
SM305022-301K-RC
300
65
5.4
11.50
178
SM305022-331K-RC
330
65
5.1
12.00
173
SM305022-361K-RC
360
65
4.8
12.50
171
SM305022-391K-RC
390
65
4.5
16.30
149
SM305022-431K-RC
430
65
4.2
17.10
147
SM305022-471K-RC
470
65
3.9
17.90
143
SM305022-511K-RC
500
65
3.7
18.80
139
SM305022-561K-RC
560
65
3.8
19.50
136
SM305022-621K-RC
620
65
3.3
25.90
119
SM305022-681K-RC
680
65
3.1
27.20
116
SM305022-751K-RC
750
65
2.9
28.60
112
SM305022-821K-RC
820
65
2.7
30.00
110
SM305022-911K-RC
910
65
2.5
31.50
107
SM305022-102K-RC
1000
65
2.3
33.00
105
Allied
Part
Number
Rated
I (mA)
Inductance
( µh)
Q
Min.
DCR
Max.
SRF
(Mhz)
All specifications subject to change without notice.
SM305022
Molded RF Inductor
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
REVISED 07/14/11
Features
• RoHS Compliant
Tape and Reel for Auto Replacement
• Cross to API Delevan 5022 Series
• Wide Inductance Range
Electrical
Inductance Range: .10µh ~ 1,000µh
Tolerance: 10% over entire range
Test Frequency: 25MHz (.10µH-1.2µH)
Operating Temp:
Current Rating: Based on a 10%
Inductance drop from intial value.
Test Equipment
(L & Q): HP4342A Q Meter
(RDC): CH-301 Current Source & DCR Meter
(IDC): CH-301 Current Source & DCR Meter
Physical
Packaging: 800 / reel.
Marking: EIA Inductance Code.
-55ºC ~ +125ºC
•
Resistance to Solder Heat
Reflow Soldering: 260ºC 10 seconds
Also, available in 5%
7.9MHz (1.2µH - 10µH)
.79MHz (110µH - 1000µH)
(SRF): HP4191A, HP4291B
(Ω)
Min.
.490 to .520
12.45 to 13.21
.230 to .250
5.84 to 6.35
.210 to .230
5.33 to 5.84
.050 Min
1.27 Min
.055 to .095
1.40 to 2.41
Pg 2 of 2
Dimensions:
Inches
(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com