Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN06SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN06SP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06SP Datasheet(HTML) 4 Page - STMicroelectronics

  VN06SP Datasheet HTML 1Page - STMicroelectronics VN06SP Datasheet HTML 2Page - STMicroelectronics VN06SP Datasheet HTML 3Page - STMicroelectronics VN06SP Datasheet HTML 4Page - STMicroelectronics VN06SP Datasheet HTML 5Page - STMicroelectronics VN06SP Datasheet HTML 6Page - STMicroelectronics VN06SP Datasheet HTML 7Page - STMicroelectronics VN06SP Datasheet HTML 8Page - STMicroelectronics VN06SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT
Status Voltage Output
Low
ISTAT = 1.6 mA
0.4
V
VUSD
Under Voltage Shut
Down
5V
VSCL
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = -10 mA
6
-0.7
V
V
IOV
Over Current
RLOAD < 10 m
Ω
-40 Tc 125
oC60
A
IAV
Average Current in
Short Circuit
RLOAD < 10 m
Ω
Tc = 85
o C
1.4
A
IOL
Open Load Current
Level
5
80
180
mA
TTSD
Thermal Shut-down
Temperature
140
oC
TR
Reset Temperature
125
oC
VOL
Open Load Voltage
Level
Off-State (note 2)
2.5
3.75
5
V
t1(on)
Open Load Filtering
Time
(note 3)
1
5
10
ms
t1(off)
Open Load Filtering
Time
(note 3)
1
5
10
ms
t2(off)
Open Load Filtering
Time
(note 3)
1
5
10
ms
tpovl
Status Delay
(note 3)
5
10
µs
tpol
Status Delay
(note 3)
50
700
µs
(^) See Switchig Time Waveforms
() The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
note 1:The Nominal Current is the current at Tc = 85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2:IOL(off) = (VCC -VOL)/ROL (see figure)
note 3:t1(on): minimum open load duration which acctivates the status output
t1(off): minimum load recovery time which desactivates the status output
t2(off): minimum on time after thermal shut down which desactivates status output
tpovl tpol: ISO definition (see figure).
Note 2 Relevant Figure
Note 3 Relevant Figure
VN06SP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com