Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC123P2 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC123P2
Description  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123P2 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC123P2 Datasheet HTML 2Page - Sharp Corporation PC123P2 Datasheet HTML 3Page - Sharp Corporation PC123P2 Datasheet HTML 4Page - Sharp Corporation PC123P2 Datasheet HTML 5Page - Sharp Corporation PC123P2 Datasheet HTML 6Page - Sharp Corporation PC123P2 Datasheet HTML 7Page - Sharp Corporation PC123P2 Datasheet HTML 8Page - Sharp Corporation PC123P2 Datasheet HTML 9Page - Sharp Corporation PC123P2 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Sheet No.: D2-A02902EN
■ Model Line-up
Sleeve
100pcs/sleeve
Taping
2 000pcs/reel
Rank mark
with or without
A
B
No mark
S
IC [mA]
(IF
=5mA,VCE=5V,Ta=25˚C)
2.5 to 30.0
2.5 to 7.5
5.0 to 12.5
10.0 to 20.0
5.0 to 10.0
Lead Form
Package
VDE0884
Model No.
Through-Hole
PC123
PC123A
PC123B
PC123C
PC123S
PC123Y
PC123Y1
PC123Y2
PC123Y5
PC123YS
PC123F
PC123F1
PC123F2
PC123F5
PC123FS
PC123FY
PC123FY1
PC123FY2
PC123FY5
PC123FY8
PC123P
PC123P1
PC123P2
PC123P5
PC123PS
PC123PY
PC123PY1
PC123PY2
PC123PY5
PC123PY8
PC123FP
PC123FP1
PC123FP2
PC123FP5
PC123FP8
PC123ZY
PC123ZY1
PC123ZY2
PC123ZY5
PC123ZY8
Wide Through-Hole
Wide SMT Gullwing
−
Approved
−
Approved
−
Approved
−
Approved
SMT Gullwing
6
Please contact a local SHARP sales representative to inquire about production status and Lead-Free options.
PC123 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com