Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FPXLF040 Datasheet(PDF) 2 Page - Fox Electronics

Part # FPXLF040
Description  Plastic Encased SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FPXLF040 Datasheet(HTML) 2 Page - Fox Electronics

  FPXLF040 Datasheet HTML 1Page - Fox Electronics FPXLF040 Datasheet HTML 2Page - Fox Electronics FPXLF040 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
37
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Plastic Encased SMD Crystal
Rev. 5/5/2014
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FPXLF
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FPXLF
A
∅
1.5
B
4.0
C
12.0
D
11.5
E
24.0
F
5.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅
13
I
∅
21
J
∅
100
K
∅
250
L
25.5
M
2.0
MODEL
FPXLF
• FPXLF Standard Crystals
Frequency
3.579545
3.686400
3.686400
4.000000
4.915200
7.372800
8.000000
8.000000
10.000000
11.059200
12.000000
16.000000
16.000000
20.000000
25.000000
CL
18pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
Part Number
FPXLF036S
FPXLF0368S
FPXLF0368-20
FPXLF040
FPXLF049-20
FPXLF073-20
FPXLF080
FPXLF080-20
FPXLF100-20
FPXLF115-20
FPXLF120-20
FPXLF160
FPXLF160-20
FPXLF200-20
FPXLF250F-20
All specifications subject to change without notice.
Tolerance
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Stability
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com