Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT49C10 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT49C10
Description  8-Bit Microcontroller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C10 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT49C10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Pad Description
Pad No.
Pad Name
I/O
Mask
Option
Description
45
46
47
48
1~4
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
or None
CMOS or
NMOS
PA0~PA7 constitute an 8-bit bidirectional input/ out-
put port with Schmitt trigger input capability. Each
bit on port can be configured as wake-up input by
mask option. PA0~PA3 can be configured as CMOS
(output) or NMOS (input/output) and with or without
pull-high resistor by mask option, PA4~PA7 always
pull-high and NMOS (input/output). Of the eight bits,
PA0~PA1 can be set as I/O pins or buzzer outputs by
mask option. PA3 can be set as an I/O pin or a PFD
output also by mask option.
5
6
7
8~10
PB0/INT0
PB1/INT1
PB2/TMR
PB3~PB5
I
¾
PB0~PB5 constitute a 6-bit Schmitt trigger input
port. Each bit on port are pull-high resistor. Of the six
bits, PB0 can be set as input pin or external interrupt
control pin (INT0) by software application. PB1 can be
set as input pin or an external interrupt control pin
(INT1) by software application. While PB2 can be set
as input pin or timer/event counter input pin also by
software application.
11
VSS
I
¾
Negative power supply, GND
12
VLCD
I
¾
LCD power supply
13~16
V1,V2,C1,C2
I
¾
Voltage pump
20
19~17
SEG18/COM3
COM2~COM0 O
1/3 or 1/4
Duty
SEG18 can be set as segment or common output driver
for LCD panel by mask option. COM2~COM0 are out-
puts for LCD panel plate.
21~38
SEG17~SEG0 O
¾
LCD driver outputs for LCD panel segments
39
40
OSC4
OSC3
O
I
¾
Real time clock oscillators
41
VDD
¾¾
Positive power supply
42
43
OSC2
OSC1
O
I
Crystal or
RC
OSC1 and OSC2 are connected to an RC network or a
crystal (by mask option) for the internal system clock.
In the case of RC operation, OSC2 is the output termi-
nal for 1/4 system clock.
44
RES
I
¾
Schmitt trigger reset input, active low
HT49C10
5
September 28, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com