Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT9302 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9302
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9302 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
HT9302 Series
Rev. 1.20
9
September 30, 2002
LOCK function
The function aims to detect locked dialing number to
prevent a long distance call. The dialing output of the
chip is disabled if the first input key after on-off-hook is
the locked number when the lock function is enabled.
The lock function selection is listed below.
· HT9302x version
LOCK Pin
Function
OPEN
Normal dialing (no lock)
VDD
²0, 9² is inhibited
VSS
²0² is inhibited
Key definition
· 0,1,2,3,4,5,6,7,8,9 keys
These are dialing number input keys for both the pulse
mode and the tone mode operations.
· */T
This key executes the P
®T function and waits a tP®T
duration in the pulse mode. On the other hand, the
*/T
key executes the
* function in the tone mode.
· #
This is a dialing signal key for the tone mode only, no
response in the pulse mode.
· SA
Pressing this key can save the preceding dialing tele-
phone numbers. The saved number is redialed if it is
pressed again. SA will also redial the saved number if
it is the first key pressed at the off-hook state. During
the dialing signal transmission, the SA key is inhibited.
· F
The flash key can be selected as a digit or a control key
by the option resistors RK13 &RK14. Pressing the flash
key will force the PO pin to be
²low² for the tF duration
and is then followed by tFP (sec). tF can also be selected
by RK13,RK14.
· P
Pause key. The execution of the pause key pauses
the output for the tP duration. tP can be selected by
RK21.
· R
Redial key. Executes redialing as well as one-key re-
dial function.
· ST
This key can store lock number with personal code in
IDD lock operation.
· R/P
Redial and pause function key. If it is pressed as the
first key after off-hook, this key executes the redial
function. Otherwise, it works as the pause key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com