Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCPL-7101 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-7101
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7101 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7101 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1-410
Notes:
1. The LED is OFF when the VI is high and ON when VI is low.
2. Device considered a two terminal device; pins 1-4 shorted together and pins 5-8 shorted together.
3. In accordance with UL 1577, for devices with minimum VISO specified at 3750 V rms, each optocoupler is proof-tested by applying an
insulation test voltage greater than 4500 V rms for one second (leakage current detection limit II-O < 5 µA). This test is performed
before the method b, 100% production test for partial discharge shown in the VDE 0884 Insulation Characteristics Table.
4. CI is the capacitance measured at pin 2 (VI).
5. tPHL propagation delay is measured from the 50% level on the falling edge of the VI signal to the logic switching level of the VO signal.
tPLH propagation delay is measured from the 50% level on the rising edge of the VI signal to the logic switching level of the VO signal.
6. The logic switching levels are 1.5 V for TTL signals (0-3 V) and 2.5 V for CMOS signals (0-5 V).
7. PWD is defined as |tPHL - tPLH|. %PWD (percent pulse width distortion) is equal to PWD in ns divided by symbol duration (bit length)
in ns.
8. Minimum data rate is calculated as follows: %PWD/PWD where %PWD is typically chosen by the design engineer (30% is common).
9. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at the same temperature, supply voltage,
and output load within the recommended operating condition range.
10. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 3.2 V. CML is the maximum
common mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common mode voltage slew rates apply to
both rising and falling common mode voltage edges.
11. Unloaded dynamic power dissipation is calculated as follows: CPD • VDD2 • f + IDD • VDD where f is switching frequency in MHz.
Figure 1. Recommended Application Circuit.
Figure 2. Recommended Printed Circuit Board Layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com