Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC3303MLTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC3303MLTRT
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303MLTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC3303MLTRT Datasheet HTML 9Page - Semtech Corporation SC3303MLTRT Datasheet HTML 10Page - Semtech Corporation SC3303MLTRT Datasheet HTML 11Page - Semtech Corporation SC3303MLTRT Datasheet HTML 12Page - Semtech Corporation SC3303MLTRT Datasheet HTML 13Page - Semtech Corporation SC3303MLTRT Datasheet HTML 14Page - Semtech Corporation SC3303MLTRT Datasheet HTML 15Page - Semtech Corporation SC3303MLTRT Datasheet HTML 16Page - Semtech Corporation SC3303MLTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
SC3303
13
Applications Information (continued)
PWM
One-Shot
Timer
Time = K x (VOUT/VIN)
VIN
FB
Ref.
Q1
Q2
L
COUT
VIN
ESR
VLX
FB
Hi-side
and
Lo-side
Gate
Drivers
RTON
+
-
VOUT
+
LPF
Q
R
S
VLX_FILTER
VLX_FILTER
Figure 2 — On-Time Generation
This method automatically produces an on-time that is
proportional to V
OUT
and inversely proportional to V
IN
.
Under steady-state operating conditions in continuous
conduction mode, the switching frequency can be deter-
mined from the on-time by the following equation.
IN
ON
OUT
SW
V
t
V
f
The SC3303 uses an external resistor to set the on-time
which indirectly sets the frequency. The on-time can be
programmed to provide operating frequencies from
200kHz to 1MHz using a resistor between the TON pin
and ground. The resistor value is
selected by the follow-
ing equation.
2
.
1
V
V
400
f
25pF
1
R
OUT
IN
SW
TON
The maximum R
TON
value allowed is shown by the follow-
ing equation.
A
5
.
1
10
V
R
MIN
_
IN
MAX
_
TON
Immediately after the on-time, the DL (the drive
signal for the low side FET) output drives high to
turn on the low-side MOSFET. DL has a minimum
high time of ~320ns, after which DL continues to
stay high until one of the following occurs:
V
FB
falls below the 750mV reference
The zero cross detector senses that the voltage
on the LX node is below ground. PSAVE is acti-
vated 8 periods after the zero cross is detected.
•
•
V
OUT Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT
as seen through a resistor divider at the FB pin to the
internal 750mV reference voltage, see Figure 3.
R1
To FB pin
R2
VOUT
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage V
OUT
is offset by the output ripple according to
the following equation.
2
V
R
R
1
75
.
0
V
RIPPLE
2
1
OUT
Enable Input
The EN input is used to enable or disable the switching
regulator. When EN is low (grounded), the switching regu-
lator and LDO are disabled and the SC3303 is in its lowest
power state. When disabled, the output power switches
are tri-stated. When EN is higher than 0.8V, the internal
LDO will be activated. The switching regulator remains off
until the voltage at the EN pin exceeds 1.5V.
The EN pin can be used for implementing UVLO for the
input voltage by configuring a voltage divider from VIN to
EN to PGND.
Continuous Mode Operation
The SC3303 operates in CCM (Continuous Conduction
Mode) at larger load currents when the load is greater
than or equal to half of the inductor ripple current (Figure
4). In this mode one of the power MOSFETs is always on,
with no intentional dead time other than to avoid cross-
conduction. This mode of operation results in uniform
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com