Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HSMX-C650 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMX-C650
Description  Surface Mount Chip LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMX-C650 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMX-C650 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1-214
Absolute Maximum Ratings at T
A = 25°C
HSMX-C650
Parameter
HSMF-C655
HSMX-C670
Units
DC Forward Current[1]
25
20
mA
Power Dissipation
65
50
mW
Reverse Voltage (I
R = 100 µA)
5
5
V
LED Junction Temperature
95
95
°C
Operating Temperature Range
-25 to +80
-25 to +80
°C
Storage Temperature Range
-30 to +85
-30 to +85
°C
Soldering Temperature
See SMT reflow soldering profile, Figure 6
Notes:
1. Derate linearly as shown in Figure 4 for temperatures above 25
°C.
Optical Characteristics at T
A = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
I
V (mcd)
Wavelength
Wavelength
2
θ1/2
Part
@ I
F 20 mA
[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
HSMH-C650
DH AlGaAs Red
6.3
16.0
650
639
155
HSMH-C670
HSMS-C650
High Efficiency
1.6
5.0
639
626
155
HSMS-C670
Red
HSMD-C650
Orange
1.6
4.0
606
604
155
HSMD-C670
HSMY-C650
Yellow
1.6
5.0
584
586
155
HSMY-C670
HSMG-C650
Green
4.0
9.0
566
571
155
HSMG-C670
HSMF-C655
High Efficiency
1.6
5.0
639
626
155
Red
Green
4.0
9.0
566
571
155
Notes:
1. The luminous intensity, I
V, is measured at the peak of the spatial radiation pattern which may not be aligned with the
mechanical axis of the lamp package.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. Chip LEDs are supplied in 8 mm embossed tape on 178 mm (7 in.) diameter reels, with 3000 devices per reel. Minimum order
quantity and order incremenets are in quantity of reels only.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com