Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT24CS64 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24CS64
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS64 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24CS64_14 Datasheet HTML 14Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 15Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 16Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 17Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 18Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 19Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 20Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 21Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
AT24CS64 [DATASHEET]
Atmel-8870B-SEEPROM-AT24CS64-Datasheet_082014
15.
Revision History
Doc. Rev.
Date
Comments
8870C
08/2014
Add bulk SOIC and TSSOP ordering codes. Update ordering code table, 8X and 8MA2
package drawings, and update the disclaimer page.
8870B
05/2014
Update 8MA2 and 8X package drawings, disclaimer page, and datasheet status from
preliminary to complete.
8870A
08/2013
Initial document release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com