Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99H01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 13Page - STMicroelectronics L99H01 Datasheet HTML 14Page - STMicroelectronics L99H01 Datasheet HTML 15Page - STMicroelectronics L99H01 Datasheet HTML 16Page - STMicroelectronics L99H01 Datasheet HTML 17Page - STMicroelectronics L99H01 Datasheet HTML 18Page - STMicroelectronics L99H01 Datasheet HTML 19Page - STMicroelectronics L99H01 Datasheet HTML 20Page - STMicroelectronics L99H01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
DocID15567 Rev 6
17/53
L99H01
Electrical specifications
52
Table 15. Cross current protection time(1)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
15.1
tCCP0
Cross current protection time
250(2)
ns
15.2
tCCP1
Cross current protection time
250
500
750
15.3
tCCP2
Cross current protection time
500
750
1000
15.4
tCCP3
Cross current protection time
700
1000
1300
15.5
tCCP4
Cross current protection time
950
1250
1570
15.6
tCCP5
Cross current protection time
1160
1500
1880
15.7
tCCP6
Cross current protection time
1360
1750
2180
15.8
tCCP7
Cross current protection time
1560
2000
2480
1.
Test conditions: VCC = 5 V, VS = 13.5 V
2.
Not tested
Table 16. Drain source monitoring
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
16.1
VSCd1
Drain - source threshold voltage
0.15
0.5
0.7
V
16.2
VSCd2
Drain - source threshold voltage
0.45
1
1.25
V
16.3
VSCd3
Drain - source threshold voltage
0.9
1.5
1.8
V
16.4
VSCd4
Drain - source threshold voltage
1.4
2
2.35
V
16.5
tSCd
Drain - source filtertime
6
µs
Table 17. Thermal sense interface (4.5 V < VCC <5.3 V)
Item
Symbol
Parameter
Min.
Typ.
Max.
Unit
17.1
ITS_bias Output bias current
200
250
300
µA
17.2
Vth_TS
TS threshold voltage
VTS < VCC - 1 V
n = number of diodes
m = programmed level (0 to 7)
n * (0.31 + m * 0.03)
V
Table 18. Current sense amplifier(1)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DC parameters
18.1
VICM
Input voltage range –
common mode
-4
VCP -
8V
V
18.2
VIOFF50
Input offset voltage
Gain = 50
-11
-4
3
mV
18.3
VIOFF20
Input offset voltage
Gain = 20
-23
-8
7
mV
18.4
VIOFF10
Input offset voltage
Gain = 10
-30
-10
10
mV
18.5
VIOFF-T50/ΔT
Input offset voltage drift vs.
temperature
Gain = 50
-10(2)
µV/°K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com