Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATA6663 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6663
Description  LIN Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6663_14 Datasheet HTML 4Page - ATMEL Corporation ATA6663_14 Datasheet HTML 5Page - ATMEL Corporation ATA6663_14 Datasheet HTML 6Page - ATMEL Corporation ATA6663_14 Datasheet HTML 7Page - ATMEL Corporation ATA6663_14 Datasheet HTML 8Page - ATMEL Corporation ATA6663_14 Datasheet HTML 9Page - ATMEL Corporation ATA6663_14 Datasheet HTML 10Page - ATMEL Corporation ATA6663_14 Datasheet HTML 11Page - ATMEL Corporation ATA6663_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ATA6663/ATA6664 [DATASHEET]
9146I–AUTO–10/14
8
Figure 2-5. Wake-up from Wake-up Switch
2.14
Wake-up Source Recognition
The device can distinguish between a local wake-up request (pin WAKE) and a remote wake-up request (LIN bus). The
wake-up source can be read at pin TXD in fail-safe mode. If an external pull-up resistor (typically 5k
Ω) has been added on
pin TXD to the power supply of the microcontroller, a high level indicates a remote wake-up request (weak pull-down at pin
TXD), a low level indicates a local wake-up request (strong pull-down at pin TXD). The wake-up request flag (indicated at pin
RXD) as well as the wake-up source flag (indicated at pin TXD) are reset immediately if the microcontroller sets pin EN to
high (see Figure 2-2 on page 5 and Figure 2-5 on page 8).
2.15
Fail-safe Features
During a short-circuit at LIN to VBAT, the output limits the output current to IBUS_LIM. Due to the power dissipation, the
chip temperature exceeds Toff, and the LIN output is switched off. The chip cools down, and after a hysteresis of Thys,
it switches the output on again.
During a short-circuit from LIN to GND the IC can be switched to sleep mode, and even in this case the current
consumption is lower than 45µA. When the short-circuit has elapsed, the IC starts with a remote wake-up.
If the Atmel® ATA6663/ATA6664 is in sleep mode and a floating condition occurs on the bus, the IC switches back to
sleep mode automatically. The current consumption is lower than 45µA in this case.
The reverse current is < 2µA at pin LIN during loss of VBAT. This is the best behavior for bus systems where some
slave nodes are supplied from battery or ignition.
Pin EN provides a pull-down resistor to force the transceiver into sleep mode if EN is disconnected
Pin RXD is set floating if VBAT is disconnected
Pin TXD provides a pull-down resistor to provide a static low if TXD is disconnected
After switching the IC into Normal Mode the TXD pin must be pulled to high longer than 10µs in order to activate the
LIN driver. This feature prevents the bus from being driven into dominant state when the IC is switched into Normal
Mode and TXD is low.
The INH output transistor is protected by temperature monitoring
Microcontroller start-up
delay time
Wake filtering time
tWAKE
Off state
Node in sleep state
High or floating
TXD weak pull-down resistor
Low or floating
State change
TXD strong pull-down
Node in
operation
Weak
pull-down
EN High
High
Low
On state
High
Regulator wake-up time delay
Wake pin
INH
EN
TXD
RXD
Voltage
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com