Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS1K-LTP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FS1K-LTP
Description  1 Amp Fast Recovery Silicon Rectifier Silicon Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FS1K-LTP Datasheet(HTML) 1 Page - Micro Commercial Components

  FS1K-LTP Datasheet HTML 1Page - Micro Commercial Components FS1K-LTP Datasheet HTML 2Page - Micro Commercial Components FS1K-LTP Datasheet HTML 3Page - Micro Commercial Components FS1K-LTP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Easy Pick And Place
High Temp Soldering: 2
60°C for 10 Seconds At Terminals
Fast Recovery Times For High Efficiency
Maximum Ratings
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Maximum Thermal Resistance; 15
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FS1A-L
FS1A
50V
35V
50V
FS1B
-L
FS1B
100V
70V
100V
FS1D
-L
FS1D
200V
140V
200V
FS1G
-L
FS1G
400V
280V
400V
FS1J
-L
FS1J
600V
420V
600V
FS1K
-L
FS1K
800V
560V
800V
FS1M
-L
FS1M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
Ta = 90
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.30V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
200
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
FS1A
-L-G-L
FS1J
-L
FS1K
-L-M-L
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
FS1A-L
THRU
FS1M-L
Silicon Rectifier
50 to 1000 Volts
1 Amp Fast Recovery
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: D
2013/08/20
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Halogen free available upon request by adding suffix "-HF"
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied,see EU Directive Annex Notes 7.


Similar Part No. - FS1K-LTP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FS1K-L MCC-FS1K-L Datasheet
191Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1K-L MCC-FS1K-L Datasheet
233Kb / 4P
Silicon Rectifier 50 to 1000 Volts 1 Amp Fast Recovery
More results

Similar Description - FS1K-LTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
1 AMP FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
ER1VG MCC-ER1VG Datasheet
658Kb / 1P
1 Amp Super Fast Recovery Silicon Rectifier 1400 Volts
FR1A MCC-FR1A Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR1Q MCC-FR1Q Datasheet
353Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 1200 to 2000 Volts
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
1 AMP FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CBR1F-D020S CENTRAL-CBR1F-D020S_10 Datasheet
408Kb / 2P
SURFACE MOUNT 1 AMP FAST RECOVERY SILICON BRIDGE RECTIFIER
CMR1S-01 CENTRAL-CMR1S-01_10 Datasheet
296Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1 AMP
logo
Micro Commercial Compon...
FS1A MCC-FS1A_11 Datasheet
234Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER1A MCC-ER1A_06 Datasheet
263Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com