Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DB3 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # DB3
Description  TRIGGER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

DB3 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  DB3 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics DB3 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :Preliminary Data
Issued Date : 1998.02.01
Revised Date : 1999.08.01
Page No. : 1/2
HSMC Product Specification
DB3
TRIGGER DIODES (Package DO-35)
Description
High reliability glass passivation insuring parameter stability and against contamination.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -40 ~ +125
°C
Junction Temperature ........................................................................................... -40 ~ +110
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 150 mW
• Maximum Voltages and Currents
Breakover Voltage .............................................................................................................. 32 V
Breakover Voltage symmetry ..............................................................................................
±3 V
Repetitive peak on-state Current .......................................................................................... 2 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VBO
28
32
36
V
C=22nF
[ |+VBO| ]-[ |-VBO| ]
-
-
±3
V
C=22nF
IV±I
5
-
-
V
I=[ IBO to IF=10mA ]
VO
5
-
-
V
IBO
-
-
50
uA
C=22nF
tr
-
1.5
-
uS
IB
-
-
10
uA
VB=0.5 VBO max
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
GOOD-ARK Electronics
LLDB-3 GOOD-ARK-LLDB-3 Datasheet
68Kb / 1P
Trigger Diodes
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
TRIGGER DIODES
DB3 RECTRON-DB3 Datasheet
488Kb / 4P
TRIGGER DIODES
DB3W RECTRON-DB3W Datasheet
199Kb / 5P
TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3_15 Datasheet
185Kb / 3P
Trigger Diodes
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_17 Datasheet
132Kb / 2P
Trigger-Diodes
logo
First Silicon Co., Ltd
DB3 FS-DB3 Datasheet
244Kb / 3P
Trigger Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com