Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS844008I-46 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS844008I-46
Description  FEMTOCLOCKS CRYSTAL-TO-LVDS CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844008I-46 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS844008I-46 Datasheet HTML 6Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 7Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 8Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 9Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 10Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 11Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 12Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 13Page - Integrated Device Technology ICS844008I-46 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IDT/ ICSLVDS CLOCK GENERATOR
10
ICS844008AKI-46 REV. A MAY 19, 2008
ICS844008I-46
FEMTOCLOCKS™ CRYSTAL-TO-LVDS CLOCK GENERATOR
SCHEMATIC LAYOUT
Figure 6 shows an example of ICS844008I-46 application
schematic. In this example, the device is operated at
V
DD
= V
DDO
= 3.3V. The 18pF parallel resonant 25MHz crystal
is used. The C1 = 27pF and C2 = 27pF are recommended
To Logic
Input
pins
C4
10uF
nQ2
OE
R1
10
VDDO
Set Logic
Input to
'0'
To Logic
Input
pins
FREQ_SEL
Zo = 50 Ohm
Zo = 50 Ohm
R4
50
nQ7
Q7
Q6
nQ0
C1
27pF
RD2
1K
nQ6
VDD= VDDO=3.3V
VDD
Q7
nQ1
R2
100
X1
25MHz
VDD
VDDO
GND
RU2
Not Install
+
-
VDDO
C2
27pF
C9
0.1uF
Set Logic
Input to
'1'
Zo = 50 Ohm
Logic Control Input Examples
R3
50
C3
0.01u
VDDA
nQ6
Q1
C7
0.1uF
RD1
Not Install
Q2
RU1
1K
C5
0.1uF
Zo = 50 Ohm
Q6
C8
0.1uF
VDD
nQ7
18pF
Q0
VDD
+
-
U1
ICS844008I-46
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
Q0
nQ0
GND
Q1
nQ1
VDDO
Q2
nQ2
Q6
nQ6
VDDO
Q7
nQ7
GND
OE
nc
C6
0.1uF
Alternate
LVDS
Termination
for frequency accuracy. For different board layout, the C1
and C2 may be slightly adjusted for optimizing frequency
accuracy. Two examples of LVDS for receiver without built-
in termination are shown in this schematic.
FIGURE 6. ICS844008I-46 SCHEMATIC LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com