Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL062 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL062
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL062 Datasheet HTML 2Page - STMicroelectronics TL062 Datasheet HTML 3Page - STMicroelectronics TL062 Datasheet HTML 4Page - STMicroelectronics TL062 Datasheet HTML 5Page - STMicroelectronics TL062 Datasheet HTML 6Page - STMicroelectronics TL062 Datasheet HTML 7Page - STMicroelectronics TL062 Datasheet HTML 8Page - STMicroelectronics TL062 Datasheet HTML 9Page - STMicroelectronics TL062 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
TL062, TL062A, TL062B
6/15
Doc ID 2294 Rev 4
ICC
Supply current, no load
Tamb = +25 °C, no load, no signal
200
250
200
250
µA
Vo1/Vo2
Channel separation
Av = 100, Tamb = +25 °C
120
120
PD
Total power consumption
Tamb = +25 °C, no load, no signal
67.5
67.5
mW
SR
Slew rate
Vi = 10 V, RL = 10 kΩ, CL = 100 pF, Av = 1
1.5
3.5
1.5
3.5
V/
μs
tr
Rise time
Vi = 20 mV, RL = 10 kΩ, CL = 100 pF, Av = 1
0.2
0.2
μs
Kov
Overshoot factor (see Figure 15)
Vi = 20 mV, RL = 10 kΩ, CL = 100 pF, Av = 1
10
10
%
en
Equivalent input noise voltage
RS = 100 Ω, f = 1 kHz
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature
as possible.
Table 4.
VCC = ±15 V, Tamb = +25 °C (unless otherwise specified) (continued)
Symbol
Parameter
TL062AC, AI
TL062BC, BI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com