Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL6850 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GL6850
Description  TWO TONE RINGER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6850 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GL6850 Datasheet HTML 1Page - Hynix Semiconductor GL6850 Datasheet HTML 2Page - Hynix Semiconductor GL6850 Datasheet HTML 3Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GL6850
2
Absolute Maximum Ratings (Ta = 25¡ É
)
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply Voltage
Power Dissipation
Operating Temperature
Storage Temperature
VCC
Po
Topr
Tstg
30
400
-25 to 65
-65 to 150
V
mW
¡ É
¡ É
Electrical Characteristics (Ta = 25¡ É
)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Supply Voltage
VCC
-
-
29.0
V
Initiation Supply Voltage
1
VSI
17
19
21
V
Initiation Supply Current
1
ISI
0.9
2.0
3.7
mA
Sustaining Voltage
2
VSUS
9.7
11.0
12.0
V
Sustaining Current
2
ISUS
0.4
1.0
2.0
mA
Trigger Voltage
3
VTR
VCC = 15 V
9.5
-
-
V
Trigger Current
3
ITR
VCC = 15 V
40
-
1000
5
µA
Disable Voltage
4
VDIS
VCC = 21 V
-
-
0.8
V
Disable Current
4
IDIS
VCC = 21 V
-50
-
-
µA
Output Voltage High
VOH
VCC =21V, I8=-10mA
Pin6 =6V,Pin7=GND
17
19
21
V
Output Voltage Low
VOL
VCC =21V, I8= -10mA
Pin6= GND,Pin7=6V
-
-
2
V
High Frequency 1
High Frequency 2
Low Frequency
fH1
fH2
fL
R3=191K, C3=6800Pf
R3=191K, C3=6800pF
R2=165K, C2=0.47µF
461
576
9.0
461
640
10
563
704
11.0
Hz
Hz
Hz
*
NOTE
1.
Initial supply voltage (VSI) is the supply voltage required to start the tone ringer oscillation.
2.
Sustaining voltage (VSUS) in the supply voltage required to maintain oscillation.
3.
VTR and ITR are the conditions applied to trigger to start for VSUS¡ Â
VCC¡ ÂVSI
4.
VDIS and IDIS are the conditions applied to trigger to inhibit oscillation for VSI¡ ÂVCC
5.
Trigger current must be limited to this value externally.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com