Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL3NK40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL3NK40
Description  N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3NK40 Datasheet(HTML) 4 Page - STMicroelectronics

  STL3NK40 Datasheet HTML 1Page - STMicroelectronics STL3NK40 Datasheet HTML 2Page - STMicroelectronics STL3NK40 Datasheet HTML 3Page - STMicroelectronics STL3NK40 Datasheet HTML 4Page - STMicroelectronics STL3NK40 Datasheet HTML 5Page - STMicroelectronics STL3NK40 Datasheet HTML 6Page - STMicroelectronics STL3NK40 Datasheet HTML 7Page - STMicroelectronics STL3NK40 Datasheet HTML 8Page - STMicroelectronics STL3NK40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL3NK40
4/16
DocID16246 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0
400
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 400 V
VDS = 400 V, TC = 125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
± 10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 50 µA
0.8
1.6
2
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 0.22 A
4.5
5.5
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VDS = 10 V, ID = 0.43 A
-
1.2
S
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
128
200
pF
Coss
Output capacitance
-
16
30
pF
Crss
Reverse transfer
capacitance
-4
6
pF
RG
Gate input resistance
f= 1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
-12
Ω
Qg
Total gate charge
VDD = 320 V, ID = 1.4 A,
VGS = 10 V
(see Figure 10)
-
8.7
13
nC
Qgs
Gate-source charge
-
0.9
nC
Qgd
Gate-drain charge
-
3.8
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com