Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GMS87C4060 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # GMS87C4060
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C4060 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button GMS87C4060 Datasheet HTML 6Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 7Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 8Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 9Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 10Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 11Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 12Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 13Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
GMS81C4040/87C4060
PRELIMINARY
6
PRELIMINARY
Nov. 1999 Ver 1.0
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
TEST: Used for shipping inspection of the IC. For normal
operation, it should not be connected .
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
OSC1: Input to the internal On Screen Display operating
circuit.
OSC2: Output from the inverting OSC1 amplifier.
R00~R07: R0 is an 8-bit CMOS bidirectional I/O port. R0
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
R10~R17: R1 is an 8-bit CMOS bidirectional I/O port. R1
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R1 serves the functions of the various follow-
ing special features.
R20~R27: R2 is a 8-bit CMOS bidirectional I/O port. Each
pins 1 or 0 written to the their Port Direction Register can
be used as outputs or inputs.
In addition, R2 serves the functions of the various follow-
ing special features.
R40~R47: R40~R43 are 8-bit NMOS open drain output
and R45~R47 are bidirectional CMOS Input / NMOS open
drain output port. R4 pins 1 or 0 written to the Port Direc-
tion Register can be used as outputs or inputs.
In addition, R4 serves the functions of the various follow-
ing special features.
R50~R56: R50~R53 are 4-bit CMOS bidirectional I/O and
R54~R56 are CMOS output port. R5 pins 1 or 0 written to
the Port Direction Register can be used as outputs or in-
puts.
In addition, R5 serves the functions of the various follow-
ing special features.
R67: R67 is an 1-bit CMOS bidirectional I/O port. R67
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R67 serves the functions of the various follow-
ing special features.
R,G,B: R,G,B CMOS output port. Each pins controls Red,
Green,. Blue color control.
Port pin
Alternate function
R10
R11
R12
R13
R14
R15
R16
R17
AN0 (A/D converter input 0)
AN1 (A/D converter input 1)
AN2 (A/D converter input 2)
AN3 (A/D converter input 3)
AN4 (A/D converter input 4)
AN5 (A/D converter input 5)
VD (Vertical Sync. input)
HD (Horisontal Sync. input)
Port pin
Alternate function
R20
R21
R22
R23
R24
R25
R26
R27
INT2 (External interrupt input 2)
Sclk (Serial communication clock)
Sout (Serial communication data out)
Sin (Serial communication data in)
INT3 (External interrupt input 3)
EC2 (Event counter input 2)
INT4 (External interrupt input 4)
EC3 (Event counter input 3)
Port pin
Alternate function
R40
R41
R42
R43
R44
R45
R46
R47
PWM0 (Pulse Width Modulation output 0)
PWM1 (Pulse Width Modulation output 1)
PWM2 (Pulse Width Modulation output 2)
PWM3 (Pulse Width Modulation output 3)
SCL0 (I2C Clock 0)
SCL1 (I2C Clock 1)
PWM4 (Pulse Width Modulation output 4)
SDA0 (I2C Data 0)
SDA1 (I2C Data 1)
PWM5 (Pulse Width Modulation output 5)
Port pin
Alternate function
R50
R51
R52
R54
R55
R56
BUZZ (Buzzer output)
PWM8 (Pulse Width Modulation output 8)
INT0 (External interrupt input 0)
YM (Back ground)
YS (Edge)
I (Intencity)
Port pin
Alternate function
R67
INT1 (External interrupt input 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com